| 전자부품 데이터시트 검색엔진 |
|
SGM811-RXN5/TR 데이터시트(PDF) 11 Page - SG Micro Corp |
|
|
|||||||||||||||||||||||||||||
SGM811-RXN5/TR 데이터시트(HTML) 11 Page - SG Micro Corp |
|
11 / 12 page ![]() Microprocessor Supervisory with Manual Reset Input SGM811/812 TAPE AND REEL INFORMATION NOTE: The picture is only for reference. Please make the object as the standard. KEY PARAMETER LIST OF TAPE AND REEL Package Type Reel Diameter Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P0 (mm) P1 (mm) P2 (mm) W (mm) Pin1 Quadrant SOT-23-5 7″ 9.5 3.2 3.2 1.4 4.0 4.0 2.0 8.0 Q3 SOT-143 7″ 9.5 3.2 2.8 1.3 4.0 4.0 2.0 8.0 Q3 Reel Width (W1) Reel Diameter REEL DIMENSIONS TAPE DIMENSIONS DIRECTION OF FEED P2 P0 W P1 A0 K0 B0 Q1 Q2 Q4 Q3 Q3 Q4 Q2 Q1 Q3 Q4 Q2 Q1 11 SG Micro Corp www.sg-micro.com |