전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

X9C102PI 데이터시트(PDF) 2 Page - Renesas Technology Corp

부품명 X9C102PI
상세설명  Digitally Controlled Potentiometer (XDCP??
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9C102PI 데이터시트(HTML) 2 Page - Renesas Technology Corp

  X9C102PI Datasheet HTML 1Page - Renesas Technology Corp X9C102PI Datasheet HTML 2Page - Renesas Technology Corp X9C102PI Datasheet HTML 3Page - Renesas Technology Corp X9C102PI Datasheet HTML 4Page - Renesas Technology Corp X9C102PI Datasheet HTML 5Page - Renesas Technology Corp X9C102PI Datasheet HTML 6Page - Renesas Technology Corp X9C102PI Datasheet HTML 7Page - Renesas Technology Corp X9C102PI Datasheet HTML 8Page - Renesas Technology Corp X9C102PI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
X9C102, X9C103, X9C104, X9C503
FN8222 Rev 3.00
Page 2 of 10
July 20, 2009
Ordering Information
PART
NUMBER
PART
MARKING
RTOTAL
(k
)
TEMP RANGE
(°C)
PACKAGE
PACKAGE
DWG. #
X9C102P
X9C102P
1
0 to +70
8 Ld PDIP
MDP0031
X9C102PZ (Notes 1, 2)
X9C102P Z
0 to +70
8 Ld PDIP (Pb-free)
MDP0031
X9C102PI
X9C102P I
-40 to +85
8 Ld PDIP
MDP0031
X9C102PIZ (Notes 1, 2)
X9C102P ZI
-40 to +85
8 Ld PDIP (Pb-free)
MDP0031
X9C102S*, **
X9C102S
0 to +70
8 Ld SOIC
MDP0027
X9C102SZ* (Note 1)
X9C102S Z
0 to +70
8 Ld SOIC (Pb-free)
MDP0027
X9C102SI*, **
X9C102S I
-40 to +85
8 Ld SOIC
MDP0027
X9C102SIZ*, ** (Note 1)
X9C102S ZI
-40 to +85
8 Ld SOIC (Pb-free)
MDP0027
X9C103P
X9C103P
10
0 to +70
8 Ld PDIP
MDP0031
X9C103PZ (Notes 1, 2)
X9C103P Z
0 to +70
8 Ld PDIP (Pb-free)
MDP0031
X9C103PI
X9C103P I
-40 to +85
8 Ld PDIP
MDP0031
X9C103PIZ (Note 1)
X9C103P ZI
-40 to +85
8 Ld PDIP (Pb-free)
MDP0031
X9C103S*, **
X9C103S
0 to +70
8 Ld SOIC
MDP0027
X9C103SZ*, ** (Note 1)
X9C103S Z
0 to +70
8 Ld SOIC (Pb-free)
MDP0027
X9C103SI*, **
X9C103S I
-40 to +85
8 Ld SOIC
MDP0027
X9C103SIZ*, ** (Note 1)
X9C103S ZI
-40 to +85
8 Ld SOIC (Pb-free)
MDP0027
X9C503P
X9C503P
50
0 to +70
8 Ld PDIP
MDP0031
X9C503PZ (Notes 1, 2)
X9C503P Z
0 to +70
8 Ld PDIP (Pb-free)
MDP0031
X9C503PI
X9C503P I
-40 to +85
8 Ld PDIP
MDP0031
X9C503PIZ (Notes 1, 2)
X9C503P ZI
-40 to +85
8 Ld PDIP (Pb-free)
MDP0031
X9C503S*
X9C503S
0 to +70
8 Ld SOIC
MDP0027
X9C503SZ* (Note 1)
X9C503S Z
0 to +70
8 Ld SOIC (Pb-free)
MDP0027
X9C503SI*, **
X9C503S I
-40 to +85
8 Ld SOIC
MDP0027
X9C503SIZ*, ** (Note 1)
X9C503S ZI
-40 to +85
8 Ld SOIC (Pb-free)
MDP0027
X9C104P
X9C104P
100
0 to +70
8 Ld PDIP
MDP0031
X9C104PI
X9C104P I
-40 to +85
8 Ld PDIP
MDP0031
X9C104PIZ (Notes 1, 2)
X9C104P ZI
-40 to +85
8 Ld PDIP (Pb-free)
MDP0031
X9C104S*, **
X9C104S
0 to +70
8 Ld SOIC
MDP0027
X9C104SZ*, ** (Note 1)
X9C104S Z
0 to +70
8 Ld SOIC (Pb-free)
MDP0027
X9C104SI*, **
X9C104S I
-40 to +85
8 Ld SOIC
MDP0027
X9C104SIZ*, ** (Note 1)
X9C104S ZI
-40 to +85
8 Ld SOIC (Pb-free)
MDP0027
*Add “T1” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
**Add “T2” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering
operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
2. Pb-free PDIPs can be used for through-hole wave solder processing only. They are not intended for use in Reflow solder processing applications.



Html Pages

1 2 3 4 5 6 7 8 9 10