| 전자부품 데이터시트 검색엔진 |
|
X5001PIZ 데이터시트(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
X5001PIZ 데이터시트(HTML) 2 Page - Renesas Technology Corp |
|
2 / 20 page ![]() X5001 FN8125 Rev 1.00 Page 2 of 20 May 30, 2006 Ordering Information PART NUMBER PART MARKING VCC RANGE (V) VTRIP RANGE TEMP. RANGE (°C) PACKAGE PKG. DWG. # X5001P-2.7 X5001P F 2.7 to 5.5 2.55 to 2.7 0 to 70 8 Ld PDIP MDP0031 X5001PZ-2.7 (Note) X5001P ZF 0 to 70 8 Ld PDIP (300 mil) (Pb-free) MDP0031 X5001PI-2.7 X5001P G -40 to 85 8 Ld PDIP MDP0031 X5001PIZ-2.7 (Note) X5001P ZG -40 to 85 8 Ld PDIP (300 mil) (Pb-free) MDP0031 X5001S8-2.7 X5001 F 0 to 70 8 Ld SOIC (150 mil) MDP0027 X5001S8Z-2.7 (Note) X5001 ZF 0 to 70 8 Ld SOIC (150 mil) (Pb-free) MDP0027 X5001S8I-2.7 X5001 G -40 to 85 8 Ld SOIC (150 mil) MDP0027 X5001S8IZ-2.7 (Note) X5001 ZG -40 to 85 8 Ld SOIC (150 mil) (Pb-free) MDP0027 X5001V8-2.7 501 F 0 to 70 8 Ld TSSOP (4.4mm) M8.173 X5001V8Z-2.7 (Note) 5001 FZ 0 to 70 8 Ld TSSOP (4.4mm) (Pb-free) M8.173 X5001V8I-2.7 501 G -40 to 85 8 Ld TSSOP (4.4mm) M8.173 X5001V8IZ-2.7 (Note) 5001 GZ -40 to 85 8 Ld TSSOP (4.4mm) (Pb-free) M8.173 X5001P-2.7A X5001P AN 2.85 to 3.0 0 to 70 8 Ld PDIP MDP0031 X5001PZ-2.7A (Note) X5001P ZAN 0 to 70 8 Ld PDIP (300 mil) (Pb-free) MDP0031 X5001PI-2.7A X5001P AP -40 to 85 8 Ld PDIP MDP0031 X5001PIZ-2.7A (Note) X5001P ZAP -40 to 85 8 Ld PDIP (300 mil) (Pb-free) MDP0031 X5001S8-2.7A X5001 AN 0 to 70 8 Ld SOIC (150 mil) MDP0027 X5001S8Z-2.7A (Note) X5001 ZAN 0 to 70 8 Ld SOIC (150 mil) (Pb-free) MDP0027 X5001S8I-2.7A X5001 AP -40 to 85 8 Ld SOIC (150 mil) MDP0027 X5001S8IZ-2.7A (Note) X5001 ZAP -40 to 85 8 Ld SOIC (150 mil) (Pb-free) MDP0027 X5001V8-2.7A 501 AN 0 to 70 8 Ld TSSOP (4.4mm) M8.173 X5001V8Z-2.7A (Note) 5001 ANZ 0 to 70 8 Ld TSSOP (4.4mm) (Pb-free) M8.173 X5001V8I-2.7A 501 AP -40 to 85 8 Ld TSSOP (4.4mm) M8.173 X5001V8IZ-2.7A (Note) 5001 APZ -40 to 85 8 Ld TSSOP (4.4mm) (Pb-free) M8.173 X5001PI X5001P I 4.5 to 5.5 4.25 to 4.5 -40 to 85 8 Ld PDIP MDP0031 X5001PIZ (Note) X5001P ZI -40 to 85 8 Ld PDIP (300 mil) (Pb-free) MDP0031 X5001S8 X5001 0 to 70 8 Ld SOIC (150 mil) MDP0027 X5001S8Z (Note) X5001 Z 0 to 70 8 Ld SOIC (150 mil) (Pb-free) MDP0027 X5001S8I X5001 I -40 to 85 8 Ld SOIC (150 mil) MDP0027 X5001S8IZ (Note) X5001 ZI -40 to 85 8 Ld SOIC (150 mil) (Pb-free) MDP0027 |