전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WC155 데이터시트(PDF) 1 Page - MMD Components

부품명 WC155
상세설명  Standard Cylindrical Holders
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MMD [MMD Components]
홈페이지  http://www.mmdcomp.com
Logo MMD - MMD Components

WC155 데이터시트(HTML) 1 Page - MMD Components

  WC155 Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
WC082812J
Specifications are subject to change without notice.
Pg 1
W
WC
C SSeerriieess C
Crryyssttaall
 32.768KHZ
 Standard Cylindrical Holders
 RoHS Compliant
Part Number Guide
Mechanical Details
Series
WC155
WC26
WC38
Frequency Range
32.768KHZ
32.768KHZ
32.768KHZ
Frequency Tolerance
See Part Number Guide
See Part Number Guide
See Part Number Guide
Frequency Stability
-.034(±.006)ppm/°C2(T-To)2
-.034(±.006)ppm/°C2(T-To)2
-.034(±.006)ppm/°C2(T-To)2
Turnover Temperature (To)
+25°C ±5°C
+25°C ±5°C
+25°C ±5°C
Operating Temp. Range
-20°C to +70°C
-20°C to +70°C
-20°C to +70°C
Storage Temp. Range
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
Aging
±3ppm / 1st year max
±3ppm / 1st year max
±3ppm / 1st year max
Shunt Capacitance
1.00pF typical
1.35pF typical
1.60pF typical
Equivalent Series Resistance
40K Ohms max
35K Ohms max
35K Ohms max
Load Capacitance
6pF, 8pF, or12.5pF
6pF, 8pF, or12.5pF
6pF, 8pF, or12.5pF
Drive Level
1uWatt max
1uWatt max
1uWatt max
Motional Capacitance
2.5fF typical
3.0fF typical
3.5fF typical
Capacitance Ratio
400 typical
450 typical
460 typical
Quality Factor
80K typical
70K typical
90K typical
32.768KHZ
Please consult with MMD sales department for any other parameters or options.
Series
WC155
WC26
WC38
Load Capacitance
Blank = 12.5pF
6 = 6pF
8 = 8pF
RoHS Compliant
Blank = Not Compliant
F = Is Compliant
Frequency Tolerance
Blank = ±20 ppm
-08 = ±8 ppm
-10 = ±10 ppm


유사한 부품 번호 - WC155

제조업체부품명데이터시트상세설명
logo
MMD Components
WC155 MMD-WC155 Datasheet
126Kb / 1P
Standard Cylindrical Holders
WC155-08-32.768KHZ-6 MMD-WC155-08-32.768KHZ-6 Datasheet
126Kb / 1P
Standard Cylindrical Holders
WC155-08-32.768KHZ-8 MMD-WC155-08-32.768KHZ-8 Datasheet
126Kb / 1P
Standard Cylindrical Holders
WC155-10-32.768KHZ-6 MMD-WC155-10-32.768KHZ-6 Datasheet
126Kb / 1P
Standard Cylindrical Holders
WC155-10-32.768KHZ-8 MMD-WC155-10-32.768KHZ-8 Datasheet
126Kb / 1P
Standard Cylindrical Holders
More results

유사한 설명 - WC155

제조업체부품명데이터시트상세설명
logo
Yellow Stone Corp
BL-C5121 YSTONE-BL-C5121 Datasheet
400Kb / 5P
STANDARD LED LAMPS (CYLINDRICAL TYPES)
logo
MMD Components
WC155 MMD-WC155 Datasheet
126Kb / 1P
Standard Cylindrical Holders
logo
Amphenol Corporation
7-8905 AMPHENOL-7-8905 Datasheet
1Mb / 45P
Amphenol 97 Series Standard Cylindrical Connector
97-121-418R AMPHENOL-97-121-418R Datasheet
1Mb / 44P
Amphenol 97 Series Standard Cylindrical Connector
97-4108B-28-21P621 AMPHENOL-97-4108B-28-21P621 Datasheet
4Mb / 44P
Amphenol 97 Series Standard Cylindrical Connector
97121-420Y AMPHENOL-97121-420Y Datasheet
1Mb / 44P
Amphenol 97 Series Standard Cylindrical Connector
logo
List of Unclassifed Man...
3550-2 ETC2-3550-2 Datasheet
113Kb / 1P
STANDARD AUTOMOTIVE BLADE FUSE CLIPS , HOLDERS
logo
Amphenol Corporation
MS3102A22-2S AMPHENOL-MS3102A22-2S Datasheet
2Mb / 73P
Type Standard Cylindrical Connectors
M81969 AMPHENOL-M81969 Datasheet
1Mb / 44P
Amphenol 97 Series Standard Cylindrical Connector
logo
Adam Technologies, Inc.
BH-21-3 ADAM-TECH-BH-21-3 Datasheet
85Kb / 1P
BATTERY HOLDERS
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com