| 전자부품 데이터시트 검색엔진 |
|
PIC1F628 데이터시트(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC1F628 데이터시트(HTML) 38 Page - Microchip Technology |
|
38 / 170 page ![]() PIC16F62X DS40300C-page 36 Preliminary 2003 Microchip Technology Inc. FIGURE 5-10: BLOCK DIAGRAM OF RB2/TX/CK PIN FIGURE 5-11: BLOCK DIAGRAM OF RB3/CCP1 PIN Data Latch TRIS Latch RD TRISB Q D Q CK Q D Q CK 0 1 WR PORTB WR TRISB Schmitt Trigger Peripheral OE(2) Data Bus PORT/PERIPHERAL Select(1) USART TX/CK Output USART Slave Clock In RBPU V DD P EN QD V DD V SS Note 1: Port/Peripheral select signal selects between port data and peripheral output. 2: Peripheral OE (output enable) is only active if peripheral select is active. RD PORTB TTL Input Buffer RB2/ TX/CK Weak Pull-up Data Latch TRIS Latch RD TRISB Q D Q CK Q D Q CK 0 1 WR PORTB WR TRISB Schmitt Trigger Peripheral OE(2) Data Bus PORT/PERIPHERAL Select(1) USART TX/CK output USART Slave Clock In RBPU V DD P EN QD V DD V SS Note 1: Port/Peripheral select signal selects between port data and peripheral output. 2: Peripheral OE (output enable) is only active if peripheral select is active. RD PORTB TTL Input Buffer RB3/ CCP1 Weak Pull-up |