전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

16F505 데이터시트(PDF) 85 Page - Microchip Technology

부품명 16F505
상세설명  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F505 데이터시트(HTML) 85 Page - Microchip Technology

Back Button 16F505 Datasheet HTML 81Page - Microchip Technology 16F505 Datasheet HTML 82Page - Microchip Technology 16F505 Datasheet HTML 83Page - Microchip Technology 16F505 Datasheet HTML 84Page - Microchip Technology 16F505 Datasheet HTML 85Page - Microchip Technology 16F505 Datasheet HTML 86Page - Microchip Technology 16F505 Datasheet HTML 87Page - Microchip Technology 16F505 Datasheet HTML 88Page - Microchip Technology 16F505 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 98 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41236A-page 83
PIC12F508/509/16F505
12.0
PACKAGING INFORMATION
12.1
Package Marking Information
XXXXXNNN
8-Lead PDIP
XXXXXXXX
YYWW
/P017
Example
12F508-I
0410
8-Lead SOIC (.150”)
XXXXXXXX
XXXXYYWW
NNN
Example
12F509-I
/SN0410
017
8-Lead MSOP
XXXXXX
YWWNNN
Example
12F509
0431017
Legend: XX...X
Customer specific information*
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard PICmicro device marking consists of Microchip part number, year code, week code, and
traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check
with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP
price.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98