| 전자부품 데이터시트 검색엔진 |
|
SSD1702Z 데이터시트(PDF) 39 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1702Z 데이터시트(HTML) 39 Page - List of Unclassifed Manufacturers |
|
39 / 47 page ![]() SSD1702 Rev 1.1 P 39/46 Dec 2003 Solomon Systech 17.APPLICATION EXAMPLES Figure 19 – Typical configuration for 320x240 application EIO1 M D S/C L/R D0-D7 EIO2 FR LP DISPOFF# XCK 320x240 Dot Matrix LCD Panel YD FR LP DISPOFF# XCK D0- D7 LCD Controller VEE V 0 V 1 V2 V 3 V 4 V 5 VSS VDD R R R R (n- 4)R Y1-Y240 COM1 COM2 . . . . . . COM239 COM240 VDD, VSS, V0, V1, V4, V5 VDD, VSS, V0, V2, V3, V5 SSD1703 Segment driver Common driver Remark: • The circuit is in 1/n bias • VSS ≤ V5 ≤ V4 ≤ V3 ≤ V2 ≤ V1 ≤ V0 ≤ VEE • VEE is the maximum driving voltage allowed, which is equal to or above V0. • For common driver o V0 should be connected to pin V0 o V1 should be connected to pin V12 o V4 should be connected to pin V43 o V5 should be connected to pin V5 • For segment driver o V0 should be connected to pin V0 o V2 should be connected to pin V12 o V3 should be connected to pin V43 o V5 should be connected to pin V5 |