전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PDU620CT-13 데이터시트(PDF) 1 Page - Diodes Incorporated

부품명 PDU620CT-13
상세설명  6A DUAL ULTRA-FAST RECOVERY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDU620CT-13 데이터시트(HTML) 1 Page - Diodes Incorporated

  PDU620CT-13 Datasheet HTML 1Page - Diodes Incorporated PDU620CT-13 Datasheet HTML 2Page - Diodes Incorporated PDU620CT-13 Datasheet HTML 3Page - Diodes Incorporated PDU620CT-13 Datasheet HTML 4Page - Diodes Incorporated PDU620CT-13 Datasheet HTML 5Page - Diodes Incorporated PDU620CT-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PDU620CT
Document number: DS30622 Rev. 5 - 2
1 of 6
www.diodes.com
March 2016
© Diodes Incorporated
PDU620CT
6A DUAL ULTRA-FAST RECOVERY RECTIFIER
PowerDI5
Product Summary (@TA = +25°C)
VRRM (V)
IO (A)
VF Max (V)
IR Max (μA)
200
6
1.2
5
Description
PDU620CT, a 6.0A Glass Passivated Dual Ultra-Fast Recovery
Rectifier in our thermally efficient PowerDI
®
5 package, offers ultra-fast
recovery time for high efficiency, high forward surge current for use in
high
frequency
inverters,
freewheeling
and
polarity
protection
applications.
Features and Benefits
Glass Passivated Die Construction
Ultra-Fast Recovery Time for High Efficiency
Low Leakage Current
High Forward Surge Current Capability
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: PowerDI5
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.096 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
PDU620CT-13
Commercial
PowerDI5
5,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "
Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
Bottom View
Green
PowerDI is a registered trademark of Diodes Incorporated.


유사한 부품 번호 - PDU620CT-13

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
PDU620CT-13 DIODES-PDU620CT-13 Datasheet
137Kb / 4P
6A DUAL ULTRA-FAST RECOVERY RECTIFIER
DS30622 Rev. 3 - 2
PDU620CT-13 DIODES-PDU620CT-13 Datasheet
121Kb / 4P
6A DUAL ULTRA-FAST RECOVERY RECTIFIER
DS30622 Rev. 4 - 2
More results

유사한 설명 - PDU620CT-13

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
PDU620 DIODES-PDU620 Datasheet
130Kb / 4P
6A ULTRA-FAST RECOVERY RECTIFIER
DS30760 Rev. 2 - 2
PDU620CT DIODES-PDU620CT Datasheet
137Kb / 4P
6A DUAL ULTRA-FAST RECOVERY RECTIFIER
DS30622 Rev. 3 - 2
PDU620CT DIODES-PDU620CT_1 Datasheet
121Kb / 4P
6A DUAL ULTRA-FAST RECOVERY RECTIFIER
DS30622 Rev. 4 - 2
logo
Frontier Electronics.
FR60-005 FRONTIER-FR60-005 Datasheet
124Kb / 2P
6A FAST RECOVERY PLASTIC RECTIFIER
SF60-005 FRONTIER-SF60-005 Datasheet
128Kb / 2P
6A SUPER FAST RECOVERY RECTIFIER
UF60-005 FRONTIER-UF60-005 Datasheet
130Kb / 2P
6A ULTRA FAST RECOVERY RECTIFIER
UFF80-005CT FRONTIER-UFF80-005CT Datasheet
132Kb / 2P
8A DUAL ULTRA FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PDU620 DIODES-PDU620_15 Datasheet
127Kb / 4P
6A ULTRA-FAST RECOVERY RECTIFIER PowerDI 5
Rev erse
PDU620CT DIODES-PDU620CT_15 Datasheet
121Kb / 4P
6A DUAL ULTRA-FAST RECOVERY RECTIFIER PowerDI 5
Rev erse
logo
Frontier Electronics.
UF60-005 FRONTIER-UF60-005_16 Datasheet
963Kb / 2P
6A ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com