전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTE65 데이터시트(PDF) 1 Page - NTE Electronics

부품명 NTE65
상세설명  Silicon NPN Transistor High Voltage, Low Noise for CATV, MATV
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE65 데이터시트(HTML) 1 Page - NTE Electronics

  NTE65 Datasheet HTML 1Page - NTE Electronics NTE65 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE65
Silicon NPN Transistor
High Voltage, Low Noise for CATV, MATV
Description:
The NTE65 is silicon NPN transistor designed primarily for use in high–gain, low–noise, small–signal
amplifier and also used in applications requiring fast switching times.
Features:
D High Current–Gain Bandwidth Product
D Low Noise Figure
D High Power Gain
Absolute Maximum Ratings:
Collector–Emitter Voltage, VCEO
15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Base Voltage, VCBO
20V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Collector Current, IC
30mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Device Dissipation (TA = +60°C), PD
180mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 60
°C
2.0mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thremal Resistance, Junction–to–Ambient, RthJA
500
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF Characteristics
Collector–Emitter Breakdown Voltage
V(BR)CEO IC = 1mA, IB = 0
15
V
Collector–Base Breakdown Voltage
V(BR)CBO IC = 0.1mA, IE = 0
20
V
Emitter–Base Breakdown Voltage
V(BR)EBO IE = 0.1mA, IC = 0
3
V
Collector Cutoff Current
ICBO
VCB = 10V, IE = 0
50
nA
ON Characteristics
DC Current Gain
hFE
VCE = 10V, IC = 14mA
25
250


유사한 부품 번호 - NTE65

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE6507 NTE-NTE6507 Datasheet
35Kb / 4P
Integrated Circuit NMOS, 8 Bit Microprocessor (MPU) w/On-Chip Clock OSC
NTE6508 NTE-NTE6508 Datasheet
37Kb / 4P
Integrated Circuit CMOS, 1K Static RAM (SRAM)
NTE65101 NTE-NTE65101 Datasheet
30Kb / 4P
Integrated Circuit 256 x 4-Bit Static Random Access Memory (SRAM)
More results

유사한 설명 - NTE65

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MRF5811LT1 MOTOROLA-MRF5811LT1 Datasheet
155Kb / 8P
LOW NOISE HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
ON Semiconductor
MMBT2484LT1 ONSEMI-MMBT2484LT1 Datasheet
206Kb / 8P
Low Noise Transistor(NPN Silicon)
October, 2001 ??Rev. 2
logo
STMicroelectronics
BFW16A STMICROELECTRONICS-BFW16A Datasheet
88Kb / 4P
CATV-MATV AMPLIFIERS
December 1988
logo
Central Semiconductor C...
CMPT2484 CENTRAL-CMPT2484 Datasheet
77Kb / 2P
NPN SILICON LOW NOISE TRANSISTOR
logo
Motorola, Inc
MBC13900 MOTOROLA-MBC13900 Datasheet
813Kb / 26P
NPN Silicon Low Noise Transistor
MRF1047T1 MOTOROLA-MRF1047T1 Datasheet
162Kb / 12P
NPN Silicon Low Noise Transistor
logo
Advanced Power Technolo...
MMBR911LT1 ADPOW-MMBR911LT1 Datasheet
148Kb / 6P
NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPSA18 ONSEMI-MPSA18 Datasheet
85Kb / 5P
Low Noise Transistor NPN Silicon
April, 2007 ??Rev. 4
logo
New Jersey Semi-Conduct...
BFW16A NJSEMI-BFW16A Datasheet
73Kb / 2P
CATV-MATV AMPLIFIERS
logo
Renesas Technology Corp
2SC5800 RENESAS-2SC5800 Datasheet
109Kb / 24P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE
July 2001
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com