전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

110C2-433A 데이터시트(PDF) 4 Page - rfsolutions.ltd

부품명 110C2-433A
상세설명  AM / FM RADIO TRANSMITTER KEYFOBS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFSOLUTIONS [rfsolutions.ltd]
홈페이지  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

110C2-433A 데이터시트(HTML) 4 Page - rfsolutions.ltd

  110C2-433A Datasheet HTML 1Page - rfsolutions.ltd 110C2-433A Datasheet HTML 2Page - rfsolutions.ltd 110C2-433A Datasheet HTML 3Page - rfsolutions.ltd 110C2-433A Datasheet HTML 4Page - rfsolutions.ltd 110C2-433A Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS110-6 Dec ‘12
©2006 Reg. No. 227 4001, ENGLAND
Page 4
AM / FM RADIO TRANSMITTER KEYFOBS
Technical Specification
Max Storage Temperature
-10°C to +85°C, Max Operating Temperature
0°C to +55°C
Electrical Characteristics
Min
Typical
Max
Dimension
Supply Current (Transmitting)
9
12
16
mA
Frequency
315.00
MHz
Frequency
432.90
433.920
434.100
MHz
Output Power (ERP) @ 433.92 MHz
10
mW
Building a Receiver Decoder
Any of the keyfob Tx Encoders may be decoded with one of the complete RF Solutions receiver decoders
or by using the appropriate receiver and RF600 decoder I/C. Schematic design is given in the datasheet for
RF600 (DS600)
Further Information: Developing a Keeloq Based Decoder System
The RFEVAL3 is an Evaluation Board consisting a receiver decoder board. The board can accept
several RF Receivers and RF6000 decoding I/C providing a hardware development
platform to enable the integration of remote Control.
• Range Testing
• Encoding / Decoding Testing
• AM / FM Selection
• Remote Switching
• Antenna Evaluation
This enables the engineer to select the optimum radio modules, antenna type and get a radio
application working with the minimum time.
R. F. Solutions Ltd.,
William Way, Burgess Hill, RH15 9AG,
England
Tel +44 (0)1444 227900
Email sales@rfsolutions.co.uk http://www.rfsolutions.co.uk
All Trademarks acknowledged and remain the property of the respected owners.
Disclaimer
Disclaimer
Disclaimer
Disclaimer
Whilst the information in this document is believed to be correct at the time of issue, R.F.Solutions Ltd does not accept any liability whatsoever for its
accuracy, adequacy or completeness. No express or implied warranty or representation is given relating to the information contained in this document.
R.F.Solutions Ltd reserves the right to make changes and improvements to the product(s) described herein without notice. Buyers and other users should
determine for themselves the suitability of any such information or products for their own particular requirements or specification(s). R.F.Solutions Ltd shall
not be liable for any loss or damage caused as a result of user’s own determination of how to deploy or use R.F.Solutions Ltd’s products. Use of
R.F.Solutions Ltd products or components in life support and/or safety applications is not authorised except with express written approval. No licences are
created, implicitly or otherwise, under any of R.F.Solutions Ltd’s intellectual property rights. Liability for loss or damage resulting or caused by reliance on
the information contained herein or from the use of the product (including liability resulting from negligence or where R.F.Solutions Ltd was aware of the
possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict R.F.Solutions Ltd’s liability for death or personal injury
resulting from its negligence.



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com