전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE30SN8 데이터시트(PDF) 4 Page - Kyocera Kinseki Corpotation

부품명 PE30SN8
상세설명  Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KSS [Kyocera Kinseki Corpotation]
홈페이지  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PE30SN8 데이터시트(HTML) 4 Page - Kyocera Kinseki Corpotation

  PE30SN8 Datasheet HTML 1Page - Kyocera Kinseki Corpotation PE30SN8 Datasheet HTML 2Page - Kyocera Kinseki Corpotation PE30SN8 Datasheet HTML 3Page - Kyocera Kinseki Corpotation PE30SN8 Datasheet HTML 4Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SURGE CURRENT RATINGS
PE30SN8(Per 1 Arm.)
0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
0
100
200
300
400
500
600
700
0.02s
IFSM
Transient Thermal Impedance
PE30SN8(Per 1 Arm.)
0.001 0.002
0.005 0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Time t (s)
0.05
0.1
0.2
0.5
1



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com