전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PF30SN8 데이터시트(PDF) 1 Page - Kyocera Kinseki Corpotation

부품명 PF30SN8
상세설명  Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KSS [Kyocera Kinseki Corpotation]
홈페이지  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PF30SN8 데이터시트(HTML) 1 Page - Kyocera Kinseki Corpotation

  PF30SN8 Datasheet HTML 1Page - Kyocera Kinseki Corpotation PF30SN8 Datasheet HTML 2Page - Kyocera Kinseki Corpotation PF30SN8 Datasheet HTML 3Page - Kyocera Kinseki Corpotation PF30SN8 Datasheet HTML 4Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
■回路図
CIRCUIT
■外形寸法図
OUTLINE DRAWING
)imension:[mm]
■最大定格 Maximum Ratings
Parameter
記号
Symbol
耐圧クラ
Grade
単位
Unit
PF30SN8
くり返しピ ク逆電圧
*1
Repetitive Peak Reverse Voltage
VRRM
800
V
非くり返しピ ク逆電圧
*1
Non Repetitive Peak Reverse Voltage
VRSM
900
V
Parameter
記 号
Symbol
条 件
Conditions
定格値
Max.Rated Value
単位
Unit
平均整流電流
*1
Average Rectified OutputCurrent
Io (AV)
商用周波数 180°通電
Tc=125℃
Half Sine Wave
30
A
三相 120°通電
Tc=120℃
3-Phase
26.7
A
電流
*1
Surge Forward Current
IFSM
50Hz 正弦半波 1
ル 非くり返し
Half Sine Wave, 1Pulse, Non-Repetitive
600
A
電流二乗時間積
*1
I Squared t
I2t
2~10ms
1800
A2
動作接合温度範囲
OperatingJunction Temperature Range
Tjw
-40 ~ +150
保存温度範囲
Storage Temperature Range
Tstg
-40 ~ +125
絶縁耐圧
Isolation Voltage
Viso
端子 ベ
間 AC1 分間
Terminal to Base, AC 1min.
2500
V
締付トルク
MountingTorque
Mounting
ーマル ハ
ト 塗布
Greased
M5
2.4 ~ 2.8
N m
主端子部
Terminal
M5
2.4 ~ 2.8
N m
■電気的特性 Electrical Characteristics
Parameter
記号
Symbol
条 件
Conditions
特性値 最大
Maximum Value
単位
Unit
ピ ク逆電流
*1
Peak Reverse Current
IRM
Tj=150℃ VRM=VRRM
3
mA
ピ ク 電圧
*1
Peak Forward Voltage
VFM
Tj= 25℃ IFM=90A
1. 28
V
熱抵抗
*1
Thermal Resistance
Rth(j-c)
接合部 ケ
間 Tc 測定点:チップ直下
Junction to Case
0. 54
℃/W
接触熱抵抗
*1
Thermal Resistance
Rth(c-f)
ース-フィ 間
ーマル ハ
ト 塗布
Case to Fin , Greased
0. 24
℃/W
質 量
約 180g
*1:1ア ム当りの値 Value Per 1 Arm
Approximate Weight
IO
30A Avg 800 Vol
PF30SN8


유사한 부품 번호 - PF30SN8

제조업체부품명데이터시트상세설명
logo
Kyocera Kinseki Corpota...
PF30SN16 KSS-PF30SN16 Datasheet
220Kb / 4P
Diode
More results

유사한 설명 - PF30SN8

제조업체부품명데이터시트상세설명
logo
SEMPO ELECTRONIC Limite...
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
DIODE-DIODE MODULE
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
DIODE-DIODE MODULE
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
Diode-Diode Module
logo
List of Unclassifed Man...
SDD100 ETC2-SDD100 Datasheet
996Kb / 4P
Diode-Diode Modules
logo
SEMPO ELECTRONIC Limite...
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
Diode-Diode Module
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
Diode-Diode Modules
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com