| 전자부품 데이터시트 검색엔진 |
|
R1MX55G-15-SH2-R 데이터시트(PDF) 8 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
R1MX55G-15-SH2-R 데이터시트(HTML) 8 Page - Unisonic Technologies |
|
8 / 9 page ![]() R1MX55 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 8 of 9 www.unisonic.com.tw QW-R101-023.H TYPICAL CHARACTERISTICS(FOR SOT-89-5) Output Current, IOUT(mA) 50 100 150 200 250 300 350 400 0 0.05 0.10 0.15 0.20 0.25 Dropout Voltage vs. Output Current (Typical Values) 10 -20 85 105 125 0 -30 Junction Temperature, TJ(°C) -10 20 25 30 40 45 50 65 Output Voltage Deviation vs. Junction Temperature (Typical Values) 450 500 550 -40 -50 TA=25℃, VC=1.8, VIN=Input voltage when output voltage falls 0.1V from that at VIN=VOUT(TYP)+1.0V, CI=CO=1u (ceramic capacitor) VIN=4.3V, VC=1.8V, IOUT=30mA, CI=CO=1u (ceramic capacitor) -15 5 -25 Time(µs) Load Transient Response 0 -50 50 100 -100 50 500 0 100 200 300 400 500 600 700 800 900 1000 Time(µs) Line Transient Response 0 -200 100 200 -100 0 1 0 100 200 300 400 500 600 700 800 900 1000 TA=25℃,VC=1.8V, CI=CO=1u (ceramic capacitor) TA=25℃,VIN=5V, VC=1.8V, IOL=50mA, CI=CO=1u (ceramic capacitor) |