| 전자부품 데이터시트 검색엔진 |
|
HSMM-A101-R00H1 데이터시트(PDF) 9 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
HSMM-A101-R00H1 데이터시트(HTML) 9 Page - Broadcom Corporation. |
|
9 / 17 page ![]() Broadcom AV02-0198EN 9 HSMx-A10x-xxxxx Data Sheet PLCC-2, Surface Mount LED Indicator Figure 8: Radiation Pattern NOTE: For detailed information on reflow soldering of Broadcom surface mount LEDs, refer to Broadcom Application Note AN 1060, Surface Mounting SMT LED Indicator Components. Reflow soldering must not be done more than twice. Observe necessary precautions of handling moisture sensitive device as stated in the following section. Figure 9: Recommended Soldering Pad Pattern 1.0 0 ANGULAR DISPLACEMENT – DEGREES 0.8 0.6 0.2 0.4 -70 -50 -30 0 20 30 50 70 90 0 2 - 0 9 - -80 -60 -40 -10 10 40 60 80 2.60 4.50 1.50 SOLDER RESIST |