| 전자부품 데이터시트 검색엔진 |
|
DS2761AX 데이터시트(PDF) 21 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2761AX 데이터시트(HTML) 21 Page - Dallas Semiconductor |
|
21 / 24 page ![]() DS2761 21 of 24 Figure 18. 1-WIRE WRITE- AND READ-TIME SLOTS Figure 19. SWAP COMMAND TIMING PACK+ PACK- tSLOT DQ tLOW1 tSLOT WRITE 0 SLOT WRITE 1 SLOT tLOW0 tREC >1 ms DS2761 SAMPLE WINDOW MIN TYP MAX 15 ms 15 ms 30 ms DS2761 SAMPLE WINDOW MIN TYP MAX 15 ms 15 ms 30 ms LINE TYPE LEGEND: BUS MASTER ACTIVE LOW DS2761 ACTIVE LOW RESISTOR PULLUP BOTH BUS MASTER AND DS2761 ACTIVE LOW tSLOT READ 0 SLOT READ 1 SLOT tSLOT tREC >1 ms tRDV MASTER SAMPLE WINDOW MASTER SAMPLE WINDOW tRDV PACK+ PACK– DQ tSWOFF tSWON tSWL CC , DC CC , DC DQ |