전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MA4PMELF 데이터시트(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

부품명 MA4PMELF
상세설명  High Power PIN Diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4PMELF 데이터시트(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button MA4PMELF Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4PMELF Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4PMELF Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4PMELF Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4PMELF Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MA4PMELF Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MA4PMELF Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MA4PMELF Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. MA4PMELF Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
High Power PIN Diodes
V16
MA4P MELF & HIPAX Series
11
11
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
11
Ordering Information
MELF diodes are available in tape and reel in quantities as shown in table below
Package Style
Quantity (7” Reel)
Bulk Devices Per Bag
1072T
1500 or 5000
N/A
1091T
500
N/A
MELF Assembly Recommendations
Devices may be soldered using standard 60Sn/40Pb or RoHS compliant solders. Axial leads and solderable
surfaces of MELF devices are tin plated 50 μm thick to ensure an optimum connection.
For recommended Sn/Pb and RoHS soldering profiles See Application Note M538 on the MACOM website.
Dimension
Package Style
1091
1072
inches
mm
inches
mm
A
0.093
2.36
0.150
3.81
B
0.050
1.27
0.050
1.27
C
0.060
1.52
0.100
2.54
B
B
C
A
Circuit Pad Layout for MELF Diodes
MELF Internal Construction
Tape and reel information can be found in application note M513 the MACOM website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com