전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EN29F08070T 데이터시트(PDF) 23 Page - List of Unclassifed Manufacturers

부품명 EN29F08070T
상세설명  8 Megabit (1024K x 8-bit) Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

EN29F08070T 데이터시트(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button EN29F08070T Datasheet HTML 19Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 20Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 21Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 22Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 23Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 24Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 25Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 26Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
23
EN29F080
Rev. C, Issue Date: 2001/07/05
Table 8. AC CHARACTERISTICS
Read-only Operations Characteristics
Parameter
Symbols
Speed Options
JEDEC
Standard
Description
Test
Setup
-45
-55
-70
-90
Unit
tAVAV
tRC
Read Cycle Time
Min
45
55
70
90
ns
tAVQV
tACC
Address to Output Delay
CE = VIL
OE = VIL
Max
45
55
70
90
ns
tELQV
tCE
Chip Enable To Output Delay
OE = VIL
Max
45
55
70
90
ns
tGLQV
tOE
Output Enable to Output Delay
Max
25
30
30
35
ns
tEHQZ
tDF
Chip Enable to Output High Z
Max
20
20
20
20
ns
tGHQZ
tDF
Output Enable to Output High Z
Max
20
20
20
20
ns
tAXQX
tOH
Output Hold Time from
Addresses,
CE or OE ,
whichever occurs first
Min
0
0
0
0
ns
Notes:
For - 50
Vcc = 5.0V ± 5%
Output Load : 1 TTL gate and 30pF
Input Rise and Fall Times: 5ns
Input Rise Levels: 0.0 V to 3.0 V
Timing Measurement Reference Level, Input and Output: 1.5 V
For all others:
Vcc = 5.0V ± 10%
Output Load: 1 TTL gate and 100 pF
Input Rise and Fall Times: 20 ns
Input Pulse Levels: 0.45 V to 2.4 V
Timing Measurement Reference Level, Input and Output: 0.8 V and 2.0 V
Figure 5. AC Waveforms for READ Operations
Addresses
CE#
OE#
WE#
Outputs
Reset#
RY/BY#
0V
Output Valid
tRC
tACC
tOE
tCE
tOEH
tOH
tDF
HIGH Z
Addresses Stable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com