전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FLIPCHIP11 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 FLIPCHIP11
상세설명  4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLIPCHIP11 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button FLIPCHIP11 Datasheet HTML 3Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 4Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 5Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 6Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 7Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 8Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 9Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 10Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ST4G3234
9/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
178
6.926
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
49
50
51
1.929
1.969
2.008
T
12.4
0.488
Ao
2.29
2.34
2.39
0.090
0.092
0.094
Bo
1.65
1.70
1.75
0.065
0.067
0.069
Ko
0.76
0.81
0.86
0.030
0.032
0.034
Po
3.9
4
4.1
0.153
0.157
0.161
P
3.9
4
4.1
0.153
0.157
0.161
Tape & Reel Flip-Chip 11 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11