전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCC56-18IO8B 데이터시트(PDF) 3 Page - IXYS Corporation

부품명 MCC56-18IO8B
상세설명  Phase leg
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC56-18IO8B 데이터시트(HTML) 3 Page - IXYS Corporation

  MCC56-18IO8B Datasheet HTML 1Page - IXYS Corporation MCC56-18IO8B Datasheet HTML 2Page - IXYS Corporation MCC56-18IO8B Datasheet HTML 3Page - IXYS Corporation MCC56-18IO8B Datasheet HTML 4Page - IXYS Corporation MCC56-18IO8B Datasheet HTML 5Page - IXYS Corporation MCC56-18IO8B Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MCC56-18io8B
Ratings
Package
Top
°C
M
D
Nm
4
mounting torque
2.5
T
VJ
°C
125
virtual junction temperature
-40
Weight
g
81
Symbol
Definition
typ.
max.
min.
Conditions
operation temperature
Unit
M
T
Nm
4
terminal torque
2.5
V
V
t = 1 second
V
t = 1 minute
isolation voltage
mm
mm
13.0
9.7
16.0
16.0
dSpp/App
creepage distance on surface | striking distance through air
dSpb/Apb
terminal to backside
I RMS
RMS current
200
A
per terminal
100
-40
terminal to terminal
TO-240AA
Delivery Mode
Quantity
Code No.
Ordering Number
Marking on Product
Ordering
50/60 Hz, RMS; I
≤
1 mA
ISOL
MCC56-18io8B
454559
Box
36
MCC56-18io8B
Standard
3600
ISOL
T
stg
°C
125
storage temperature
-40
3000
threshold voltage
V
0.85
mΩ
V0 max
R0 max
slope resistance *
2.5
Equivalent Circuits for Simulation
T
=
VJ
I
V
0
R0
Thyristor
125 °C
* on die level
IXYS reserves the right to change limits, conditions and dimensions.
20161222b
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2016 IXYS all rights reserved



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com