전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M41ST95Y 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 M41ST95Y
상세설명  5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST95Y 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button M41ST95Y Datasheet HTML 4Page - STMicroelectronics M41ST95Y Datasheet HTML 5Page - STMicroelectronics M41ST95Y Datasheet HTML 6Page - STMicroelectronics M41ST95Y Datasheet HTML 7Page - STMicroelectronics M41ST95Y Datasheet HTML 8Page - STMicroelectronics M41ST95Y Datasheet HTML 9Page - STMicroelectronics M41ST95Y Datasheet HTML 10Page - STMicroelectronics M41ST95Y Datasheet HTML 11Page - STMicroelectronics M41ST95Y Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
M41ST95Y*, M41ST95W
8/35
Figure 7. Hardware Hookup
Note: 1. CPOL (Clock Polarity) and CPHA (Clock Phase) are bits that may be set in the SPI Control Register of the MCU.
AI06372
Master
(ST6, ST7, ST9,
ST10, Others)
SPI Interface with
(CPOL, CPHA)(1) =
('0','0') or ('1','1')
D
Q
C
CS3
CS2
CS1
M41ST95Y/W
E
XXXXX
CQD
XXXXX
CQD
E
E
CQD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35