| 전자부품 데이터시트 검색엔진 |
|
MM82PC12VM/883 데이터시트(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
MM82PC12VM/883 데이터시트(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 8 page ![]() TLC5596 July 1987 MM82PC12 8-Bit InputOutput Port General Description The MM82PC12 is a microCMOS 8-bit inputoutput port contained in a standard 24-pin dual-in-line package The MM82PC12 can be used to implement latches gated buff- ers or multiplexers Thus all of the major peripheral and inputoutput functions of a microcomputer system can be implemented with this device The MM82PC12 includes an 8-bit latch with TRI-STATE output buffers and device selection and control logic Also included is a service request flip-flop for the generation and control of interrupts to the microprocessor The MM82PC12 is pinout and function compatible with stan- dard INS8212 and DP8212 devices For military applications the MM82PC12 is available with class B screening in accordance with method 5004 of MIL- STD-883 Features Y Drive capability150 pF load Y High noise immunity Y Low power dissipation Y Full interface to CMOS logic levels Y microCMOS technology Y TTL drive capability when VCC e 5V Y 8-bit data latch and buffer Y Service request flip-flop for generation and control of interrupts Y 1 mA input load current Y Reduces system package count by replacing buffers latches and multiplexers in microcomputer systems System Configuration TLC5596 – 1 TRI-STATE is a registered trademark of National Semiconductor Corp C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
유사한 부품 번호 - MM82PC12VM/883 |
|
유사한 설명 - MM82PC12VM/883 |