전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C14556 데이터시트(PDF) 3 Page - Ledil, Inc.

부품명 C14556
상세설명  Narrow forward throw beam optimized for European tunnels
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14556 데이터시트(HTML) 3 Page - Ledil, Inc.

  C14556 Datasheet HTML 1Page - Ledil, Inc. C14556 Datasheet HTML 2Page - Ledil, Inc. C14556 Datasheet HTML 3Page - Ledil, Inc. C14556 Datasheet HTML 4Page - Ledil, Inc. C14556 Datasheet HTML 5Page - Ledil, Inc. C14556 Datasheet HTML 6Page - Ledil, Inc. C14556 Datasheet HTML 7Page - Ledil, Inc. C14556 Datasheet HTML 8Page - Ledil, Inc. C14556 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PRODUCT
DATASHEET
C14556_STRADA-2X2-TF
PHOTOMETRIC DATA (MEASURED):
LED
QUICK FLUX XTP 2x4 xxx LS G5
FWHM
Asymmetric
Efficiency
94 %
Peak intensity
2.000 cd/lm
Required components:
LED
QUICK FLUX XTP 2x6 xxx LS G5
FWHM
Asymmetric
Efficiency
94 %
Peak intensity
1.900 cd/lm
Required components:
LED
XP-G2
FWHM
Asymmetric
Efficiency
94 %
Peak intensity
2.100 cd/lm
Required components:
LED
XP-G3
FWHM
Asymmetric
Efficiency
94 %
Peak intensity
1.700 cd/lm
Required components:
Last update: 12/07/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com