전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM6322CP-EBZ 데이터시트(PDF) 9 Page - Analog Devices

부품명 SSM6322CP-EBZ
상세설명  High Fidelity, Low Power, Integrated Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

SSM6322CP-EBZ 데이터시트(HTML) 9 Page - Analog Devices

Back Button SSM6322CP-EBZ Datasheet HTML 5Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 6Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 7Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 8Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 9Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 10Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 11Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 12Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
SSM6322
Rev. 0 | Page 9 of 20
1
0.1
0.01
0.0001
0.001
0.00001
0.001
0.01
0.1
1
AMPLITUDE (VRMS)
VSY = ±5V, VSD = 5V
AV = 1
FREQUENCY = 1kHz
80kHz LP FILTER
RL = 16Ω
RL = 32Ω
RL = 600Ω
Figure 10. THD + N vs. Amplitude, VSY = ±5 V
1
0.1
0.01
0.0001
0.001
0.00001
0.001
0.01
0.1
1
AMPLITUDE (VRMS)
VSY = ±3.3V, VSD = 3V
AV = 1
FREQUENCY = 1kHz
80kHz LP FILTER
RL = 16Ω
RL = 32Ω
RL = 600Ω
Figure 11. THD + N vs. Amplitude, VSY = ±3.3 V
1
0.1
0.01
0.0001
0.001
0.00001
0.001
0.01
0.1
1
AMPLITUDE (VRMS)
VSY = ±6V, VSD = 6V
AV = 1
FREQUENCY = 1kHz
80kHz LP FILTER
RL = 16Ω
RL = 32Ω
RL = 600Ω
Figure 12. THD + N vs. Amplitude, VSY = ±6 V
0.1
0.01
0.0001
0.001
0.00001
20
200
2k
20k
FREQUENCY (Hz)
VSY = ±5V
VSD = 5V
AV = 1
80kHz LP FILTER
RL = 16Ω, VIN = 1.6V rms
RL = 32Ω, VIN = 2V rms
RL = 600Ω, VIN = 2V rms
Figure 13. THD + N vs. Frequency, VSY = ±5 V
0.1
0.01
0.0001
0.001
0.00001
20
200
2k
20k
FREQUENCY (Hz)
VSY = ±3.3V
VSD = 3.3V
AV = 1
80kHz LP FILTER
RL = 16Ω, VIN = 0.6V rms
RL = 32Ω, VIN = 1V rms
RL = 600Ω, VIN = 1V rms
Figure 14. THD + N vs. Frequency, VSY = ±3.3 V
1
0.1
0.01
0.0001
0.001
0.00001
0.01
0.1
1
VIN (VRMS)
RL = 16Ω
RL = 32Ω
RL = 600Ω
Figure 15. SMPTE vs. Input Voltage (VIN), VSY = ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com