전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC68C752BIBS 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 SC68C752BIBS
상세설명  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C752BIBS 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button SC68C752BIBS Datasheet HTML 5Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 6Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 7Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 8Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 9Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 10Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 11Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 12Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
SC68C752B_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 29 November 2005
9 of 49
Philips Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
6.2.1 Auto-RTS
Auto-RTS data flow control originates in the receiver block (see Figure 1 “Block diagram of
SC68C752B” on page 3). Figure 5 shows RTS functional timing. The receiver FIFO trigger
levels used in Auto-RTS are stored in the TCR. RTS is active if the RX FIFO level is below
the halt trigger level in TCR[3:0]. When the receiver FIFO halt trigger level is reached,
RTS is de-asserted. The sending device (for example, another UART) may send an
additional byte after the trigger level is reached (assuming the sending UART has another
byte to send) because it may not recognize the de-assertion of RTS until it has begun
sending the additional byte. RTS is automatically reasserted once the receiver FIFO
reaches the resume trigger level programmed via TCR[7:4]. This re-assertion allows the
sending device to resume transmission.
Fig 4.
Auto flow control (Auto-RTS and Auto-CTS) example
RX
FIFO
FLOW
CONTROL
TX
FIFO
PARALLEL
TO SERIAL
TX
FIFO
RX
FIFO
UART 1
UART 2
D7 to D0
RX
TX
RTS
CTS
TX
RX
CTS
RTS
D7 to D0
002aaa228
SERIAL TO
PARALLEL
SERIAL TO
PARALLEL
FLOW
CONTROL
FLOW
CONTROL
FLOW
CONTROL
PARALLEL
TO SERIAL
(1) N = receiver FIFO trigger level.
(2) The two blocks in dashed lines cover the case where an additional byte is sent, as described in Section 6.2.1.
Fig 5.
RTS functional timing
Start
byte N
Start
byte N
+ 1
Start
Stop
Stop
RX
RTS
R/W
NN
+ 1
12
002aab086



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com