전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S2GF 데이터시트(PDF) 1 Page - Nanjing International Group Co

부품명 S2GF
상세설명  2.0 AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DGNJDZ [Nanjing International Group Co]
홈페이지  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

S2GF 데이터시트(HTML) 1 Page - Nanjing International Group Co

  S2GF Datasheet HTML 1Page - Nanjing International Group Co S2GF Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.0 AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 2.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range Tj, TSTG
S2AF
S2BF
S2DF
S2GF
S2JF
S2KF
S2MF
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
2
.0
6
0
2
.0
2
0
12
-65
+175
V
A
A
V
m
m
pF
C
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient.
S2AF THRU S2MF
1.1
Typical Thermal Resistance RqJA (Note 2)
50
C/W
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
2
.0 Ampere
Dimensions in inches and (millimeters)
FEATURES
MECHANICAL DATA
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: Solder plated, solderable per MIL-STD-202F,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.064 gram
*
µA
µA
*Both normal and Pb free product are available:
*Normal:80~95% Sn,5~20% Pb
*Pb free:99 Sn above can meet Roh senviroment substance
directive request
SMAF
Cathode Band
Top View
0.128(3.25)
0.144(3.65)
0.189(4.80)
0.173(4.40)
0.110(2.80)
0.094(2.40)
0.051(1.30)
0.059(1.50)
0.055(1.40)
0.043(1.10)
0.012(0.30)
0.006(0.15)
0.047(1.20)
0.028(0.70)
www.dgnjdz.com


유사한 부품 번호 - S2GF

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
S2GF PANJIT-S2GF Datasheet
126Kb / 4P
SURFACE MOUNT RECTIFIER
logo
Guangdong Kexin Industr...
S2GF KEXIN-S2GF Datasheet
1Mb / 3P
Rectifier Diodes
logo
Microdiode Semiconducto...
S2GF CHENDA-S2GF Datasheet
626Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S2GF YFWDIODE-S2GF Datasheet
116Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
logo
Guangdong Juxing Electr...
S2GF JUXING-S2GF Datasheet
843Kb / 3P
Surface Mount Standard Rectifiers
More results

유사한 설명 - S2GF

제조업체부품명데이터시트상세설명
logo
Bytes
RL201G BYTES-RL201G Datasheet
151Kb / 2P
2.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Formosa MS
RL201G FORMOSA-RL201G Datasheet
32Kb / 2P
2.0 AMP GLASS PASSIVATED RECTIFIERS
logo
First Components Intern...
GFZ2A FCI-GFZ2A Datasheet
155Kb / 2P
2.0 Amp Glass Passivated Sintered Rectifiers
logo
UNIOHM CORPORATION
RL201G UNIOHM-RL201G Datasheet
66Kb / 2P
2.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Goodwork Semiconductor ...
RL201G GWSEMI-RL201G Datasheet
65Kb / 2P
2.0 AMP GLASS PASSIVATED RECTIFIERS
logo
DIYI Electronic Technol...
MUR260G DYELEC-MUR260G Datasheet
1Mb / 2P
2.0 AMP Ultrafast Glass Passivated Rectifiers
S2A DYELEC-S2A Datasheet
1Mb / 2P
2.0 AMP SURFACE MOUNT PASSIVATED RECTIFIERS
S2AN DYELEC-S2AN Datasheet
1Mb / 2P
2.0 AMP SURFACE MOUNT PASSIVATED RECTIFIERS
logo
First Components Intern...
RL201G FCI-RL201G Datasheet
53Kb / 2P
2.0 Amp Glass Passivated Junction Rectifiers
logo
Thinki Semiconductor Co...
ES2AA THINKISEMI-ES2AA Datasheet
404Kb / 2P
2.0 Amp Surface Mount Glass Passivated Super Fast Recovery Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com