전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP8774GQ 데이터시트(PDF) 15 Page - Monolithic Power Systems

부품명 MP8774GQ
상세설명  12A, Wide Input 3V-18V, 700kHz Synchronous Step-Down Converter with PG and External Soft Start in 3x3mm QFN package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPS [Monolithic Power Systems]
홈페이지  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8774GQ 데이터시트(HTML) 15 Page - Monolithic Power Systems

Back Button MP8774GQ Datasheet HTML 11Page - Monolithic Power Systems MP8774GQ Datasheet HTML 12Page - Monolithic Power Systems MP8774GQ Datasheet HTML 13Page - Monolithic Power Systems MP8774GQ Datasheet HTML 14Page - Monolithic Power Systems MP8774GQ Datasheet HTML 15Page - Monolithic Power Systems MP8774GQ Datasheet HTML 16Page - Monolithic Power Systems MP8774GQ Datasheet HTML 17Page - Monolithic Power Systems MP8774GQ Datasheet HTML 18Page - Monolithic Power Systems MP8774GQ Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
MP8774
– 18V, 12A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8774 Rev. 1.0
www.MonolithicPower.com
15
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
The MP8774 is a fully integrated, synchronous,
rectified, step-down, switch-mode converter.
Constant-on-time (COT) control is employed to
provide fast transient response and ease loop
stabilization. Figure 2 shows the simplified ramp
compensation block in the MP8774. At the
beginning of each cycle, the high-side MOSFET
(HS-FET) is turned on when the feedback
voltage (VFB) is below the reference voltage
(VREF), which indicates an insufficient output
voltage. The on period is determined by both
the output voltage and input voltage to make
the switching frequency fairly constant over the
input voltage range.
After the on period elapses, the HS-FET is
turned off. The HS-FET is turned on again
when VFB drops below VREF. By repeating
operation in this way, the converter regulates
the output voltage. The integrated low-side
MOSFET (LS-FET) is turned on when the HS-
FET is in its off state to minimize conduction
loss. There is a dead short between the input
and GND if both the HS-FET and LS-FET are
turned on at the same time. This is called
shoot-through. To avoid shoot-through, a dead
time (DT) is generated internally between the
HS-FET off and LS-FET on period or the LS-
FET off and HS-FET on period.
Internal compensation is applied for COT
control to provide a more stable operation, even
when ceramic capacitors are used as output
capacitors.
This
internal
compensation
improves jitter performance without affecting
the line or load regulation.
VOUT
L
Cout
RESR
R1
R2
On
Timer
Logic
Control
REF
SW
RAMP
FB
RAMP
GENERATOR
PWM
BUF
Figure 2: Simplified Ramp Compensation Block
Heavy-Load Operation
Continuous conduction mode (CCM) is when
the output current is high and the inductor
current is always above zero amps (see Figure
3). When VFB is below the error amplifier output
voltage (VEAO), the HS-FET is turned on for a
fixed interval determined by the one-shot on-
timer. When the HS-FET is turned off, the LS-
FET is turned on until the next period.
Figure 3: Heavy-Load Operation
In CCM operation, the switching frequency is
fairly
constant.
This
is
called
pulse-width
modulation (PWM) mode.
Light-Load Operation
When the MP8774 works in pulse-frequency
modulation (PFM) during light-load operation,
the MP8774 reduces the switching frequency
automatically to maintain high efficiency, and
the inductor current drops almost to zero. When
the inductor current reaches zero, the LS-FET
driver goes into tri-state (Hi-Z) (see Figure 4).
Therefore, the output capacitors discharge
slowly to GND through the LS-FET, R1, and R2.
This
operation
improves
device
efficiency
greatly when the output current is low.
VEAO
VOUT
VIN
Ton is constant
IL
VSW
VRAMP
IOUT
Figure 4: Light-Load Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com