전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LR3965G-12-AB3-D-R 데이터시트(PDF) 5 Page - Unisonic Technologies

부품명 LR3965G-12-AB3-D-R
상세설명  1.5A LOW DROPOUT LINEAR REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR3965G-12-AB3-D-R 데이터시트(HTML) 5 Page - Unisonic Technologies

  LR3965G-12-AB3-D-R Datasheet HTML 1Page - Unisonic Technologies LR3965G-12-AB3-D-R Datasheet HTML 2Page - Unisonic Technologies LR3965G-12-AB3-D-R Datasheet HTML 3Page - Unisonic Technologies LR3965G-12-AB3-D-R Datasheet HTML 4Page - Unisonic Technologies LR3965G-12-AB3-D-R Datasheet HTML 5Page - Unisonic Technologies LR3965G-12-AB3-D-R Datasheet HTML 6Page - Unisonic Technologies LR3965G-12-AB3-D-R Datasheet HTML 7Page - Unisonic Technologies LR3965G-12-AB3-D-R Datasheet HTML 8Page - Unisonic Technologies LR3965G-12-AB3-D-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LR3965
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R102-037.R
ABSOLUTE MAXIMUM RATING (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
6.5
V
SOP-8
606
mW
SOT-223
714
mW
SOT-89
500
mW
TO-252/TO-252-5/TO-252-4
952
mW
Power Dissipation
TO-263/TO-263-5
PD
1250
mW
Junction Temperature
TJ
+125
°С
Operating Temperature
TOPR
-40 ~ +85
°С
Storage Temperature
TSTG
-65 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCES CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-8
165
SOT-223
150
SOT-89
180
TO-252/TO-252-5/TO-252-4
112
Junction to Ambient
TO-263/TO-263-5
θJA
64
C/W
SOP-8
20
SOT-223
15
SOT-89
50
TO-252/TO-252-5/TO-252-4
12
Junction to Case
TO-263/TO-263-5
θJC
4
C/W



Html Pages

1 2 3 4 5 6 7 8 9 10