전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LR3965G-15-AB3-D-R 데이터시트(PDF) 3 Page - Unisonic Technologies

부품명 LR3965G-15-AB3-D-R
상세설명  1.5A LOW DROPOUT LINEAR REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR3965G-15-AB3-D-R 데이터시트(HTML) 3 Page - Unisonic Technologies

  LR3965G-15-AB3-D-R Datasheet HTML 1Page - Unisonic Technologies LR3965G-15-AB3-D-R Datasheet HTML 2Page - Unisonic Technologies LR3965G-15-AB3-D-R Datasheet HTML 3Page - Unisonic Technologies LR3965G-15-AB3-D-R Datasheet HTML 4Page - Unisonic Technologies LR3965G-15-AB3-D-R Datasheet HTML 5Page - Unisonic Technologies LR3965G-15-AB3-D-R Datasheet HTML 6Page - Unisonic Technologies LR3965G-15-AB3-D-R Datasheet HTML 7Page - Unisonic Technologies LR3965G-15-AB3-D-R Datasheet HTML 8Page - Unisonic Technologies LR3965G-15-AB3-D-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LR3965
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 10
www.unisonic.com.tw
QW-R102-037.R
PIN CONFIGURATION
GND
VOUT
VIN
TO-252/TO-263
SHDN
VIN
VOUT
GND
GND
GND
GND
8
7
6
5
4
3
2
1
SOP-8
1
2
3
VIN
GND
VOUT
SOT-223
1
23
GND
VIN
VOUT
SOT-89
1
2
3
1
2
3
4
5
SENSE/ADJ/SS/POK
VOUT
GND
VIN
TO-252-4/TO-252-5/TO-263-5
SHDN
SENSE/ADJ/SS/POK
PIN DESCRIPTION
PIN NAME
DESCRIPTION
VIN
Power Input Voltage. Supply voltage can range from 2.25V to 6V. Bypass with a 68µF capacitor
to GND.
GND
Ground
SHDN
Active-Low Shutdown Input. A logic low at SHDN reduces supply current to 0.01µA. In
shutdown, the POK output is low. Connect SHDN to VIN for normal operation.
VOUT
Output Voltage
ADJ
Voltage-adjust Input. Connect ADJ to GND for preset output. Connect an external resistive
voltage-divider from VOUT to ADJ to set the output voltage between 0.8V and 6V. The ADJ
regulation voltage is 800mV
SENSE
Remote sense pin.
SS
Soft start time setting. For adjustable soft start time version, connect a capacitor from SS to gnd
to set the soft start time.
POK
Open-Drain, Active-Low Power-OK Output. POK remains low while the output voltage (VOUT) is
below the POK threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10