| 전자부품 데이터시트 검색엔진 |
|
ACPL-P302 데이터시트(PDF) 2 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
ACPL-P302 데이터시트(HTML) 2 Page - Broadcom Corporation. |
|
2 / 15 page ![]() Broadcom Confidential - 2 - ACPL-P302/ACPL-W302 Data Sheet Ordering Information ACPL-P302 is UL Recognized with 3750VRMS for 1 minute per UL1577. ACPL-W302 is UL Recognized with 3750VRMS for 1 minute per UL1577. Part Number Option Package Surface Mount Tape and Reel UL 5000VRMS/ 1 minute rating IEC/EN/DIN EN 60747-5-5 Quantity RoHS Compliant ACPL-P302 -000E Stretched SO-6 X 100 per tube -500E X X 1000 per reel -060E X X 100 per tube -560E X X X 1000 per reel ACPL-W302 -000E Stretched SO-6 X X 100 per tube -500E X X X 1000 per reel -060E X X X 100 per tube -560E X X X X 1000 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: ACPL-P302-560E to order product of Stretched SO6 Surface Mount package in Tape and Reel packaging with IEC/EN/DIN EN 60747-5-5 Safety Approval in RoHS compliant. Example 2: ACPL-P302-000E to order product of Stretched SO6 Surface Mount package in tube packaging and RoHS compliant. Option datasheets are available. Contact your Broadcom sales representative or authorized distributor for information. Remarks: The notation‘#XXX’is used for existing products, while (new) products launched since 15th July 2001 and RoHS compliant option will use ‘-XXXE‘. |