| 전자부품 데이터시트 검색엔진 |
|
LR9273BL-35-AB5-R 데이터시트(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LR9273BL-35-AB5-R 데이터시트(HTML) 3 Page - Unisonic Technologies |
|
3 / 9 page ![]() LR9273 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 3 of 9 www.unisonic.com.tw QW-R502-A30.c PIN CONFIGURATION PIN DESCRIPTION SOT-89-5 PIN NO. PIN NAME DESCRIPTION ADJ ADJUST Pin (For Adjustable Version) 1 NC No Connection (For Fixed Version) 2 GND Ground Pin 3 CE Chip Enable Pin. Active when this Pin is high. 4 VIN Input Pin 5 VOUT Output Pin HSOP-8J PIN NO. PIN NAME DESCRIPTION 1 VOUT Output Pin 2 ON/OFF ON/OFF Pin 3, 5, 6, 7 NC No connection (Note) 4 VSS GND Pin 8 VIN Input Pin Note: The NC pin is electrically open. The NC pin can be connected to VIN or VSS. |