전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LR9273DL-28-S08-R 데이터시트(PDF) 8 Page - Unisonic Technologies

부품명 LR9273DL-28-S08-R
상세설명  SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9273DL-28-S08-R 데이터시트(HTML) 8 Page - Unisonic Technologies

  LR9273DL-28-S08-R Datasheet HTML 1Page - Unisonic Technologies LR9273DL-28-S08-R Datasheet HTML 2Page - Unisonic Technologies LR9273DL-28-S08-R Datasheet HTML 3Page - Unisonic Technologies LR9273DL-28-S08-R Datasheet HTML 4Page - Unisonic Technologies LR9273DL-28-S08-R Datasheet HTML 5Page - Unisonic Technologies LR9273DL-28-S08-R Datasheet HTML 6Page - Unisonic Technologies LR9273DL-28-S08-R Datasheet HTML 7Page - Unisonic Technologies LR9273DL-28-S08-R Datasheet HTML 8Page - Unisonic Technologies LR9273DL-28-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LR9273
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-A30.c
TYPICAL APPLICATION CIRCUIT
Example of the Typical Application of UTC LR9273 (Fixed Output Type)
Phase Compensation
In these ICs, phase compensation is made with the output capacitor for securing stable operation even if the load
current is varied. For this purpose, use as much as a capacitor as C2. Recommendation value is as follows:
Mounting on PCB
Make VDD and GND lines sufficient. If their impedance is high, a current flows, the noise picked up or unstable
operation may result. Further use a 4.7μF or more value capacitor between VDD pin and GND pin as close as
possible.
Set an Output capacitor between VOUT pin and GND pin for phase compensation as close as possible.
Technical Notes on Output Voltage Setting of Adjustable Output type
VOUT
ADJ
GND
I2
I3
1.0V
R3
IIC
RIC
R2
VOUT



Html Pages

1 2 3 4 5 6 7 8 9