| 전자부품 데이터시트 검색엔진 |
|
ICS270PGILF 데이터시트(PDF) 8 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS270PGILF 데이터시트(HTML) 8 Page - Integrated Circuit Systems |
|
8 / 8 page ![]() Triple PLL Field Programmable VCXO Clock MDS 270 B 8 Revision 040705 Integrated Circuit Systems, Inc. ● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com ICS270 PRELIMINARY INFORMATION Package Outline and Package Dimensions (20-pin TSSOP, 173 Mil. Body) Package dimensions are kept current with JEDEC Publication No. 95 Ordering Information Parts that are ordered with a "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant. While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. VersaClock TM is a trademark of Integrated Circuit Systems, Inc. All rights reserved. Part / Order Number Marking Shipping Packaging Package Temperature ICS270PG See page 7 Tubes 20-pin TSSOP 0 to +70 °C ICS270PGI Tubes 20-pin TSSOP -40 to +85 °C ICS270PGLF Tubes 20-pin TSSOP 0 to +70 °C ICS270PGILF Tubes 20-pin TSSOP -40 to +85 °C INDEX AREA 1 2 24 D E1 E SEATING PLANE A1 A A2 e - C - b .10 (.004) C c L Millimeters Inches Symbol Min Max Min Max A — 1.20 — .047 A1 0.05 0.15 0.002 0.006 A2 0.80 1.05 0.032 0.041 b 0.19 0.30 0.007 0.012 C 0.09 0.20 0.0035 0.008 D 6.40 6.60 0.252 0.260 E 6.40 BASIC 0.252 BASIC E1 4.30 4.50 0.169 0.177 e 0.65 Basic 0.0256 Basic L 0.450.75.018 .030 α 0 ° 8 ° 0 ° 8 ° |