| 전자부품 데이터시트 검색엔진 |
|
SynchronizationSystem 데이터시트(PDF) 1 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
SynchronizationSystem 데이터시트(HTML) 1 Page - Integrated Device Technology |
|
1 / 4 page ![]() 0 ©2017 Integrated Device Technology, Inc. April 5, 2017 HIGHLIGHTS • System implements ITU-T telecom profiles • Composed of IDT’s IEEE 1588 software and IDT’s Synchronization Management Unit (SMU) hardware • Operates as IEEE 1588 / PTP slave • Recovers accurate and stable synchronization signals from packet based IEEE 1588 / PTP master • Provides integrated physical layer frequency support • Operates as an IEEE 1588 / PTP master SOFTWARE • C99 source code distribution, supporting POSIX-based Operating Sys- tems (OSs) such as Linux • IEEE 1588 compliant Precision Time Protocol (PTP) stack • Abstraction interface supports user-supplied IEEE 1588 compliant Pre- cision Time Protocol (PTP) stack • Reference trackers filter packet synchronization noise from IEEE 1588 unaware networks HARDWARE • Synchronization Management Unit (SMU) provides tools to manage physical layer and packet based synchronous clocks for IEEE 1588 Telecom Profile applications • Supports independent IEEE 1588 and Synchronous Ethernet (SyncE) timing paths • Combo mode provides SyncE physical layer frequency support for IEEE 1588 Telecom Boundary Clocks (T-BC) and Telecom Time Slave Clocks (T-TSC) per G.8273.2 • Digital PLLs can be configured as Digitally Controlled Oscillators (DCOs) for IEEE 1588 clock synthesis • Generates G.8262 compliant SyncE clocks • Fractional-N input dividers support a wide range of reference frequen- cies • Locks to 1 pulse per second (PPS) references from GPS based sources • Loads configuration from an external EPROM after reset APPLICATIONS • Access routers, edge routers, core routers • Carrier Ethernet switches • Multiservice access platforms • PON OLT • LTE eNodeB • ITU-T G.8265.1 & G.8275.1 Telecom Profile clock synthesizer • ITU-T G.8273.2 Telecom Boundary Clock (T-BC) and Telecom • Time Slave Clock (T-TSC) • ITU-T G.8264 Synchronous Equipment Timing Source (SETS) • ITU-T G.8263 Packet-based Equipment Clock (PEC) • ITU-T G.8262 Synchronous Ethernet Equipment Clock (EEC) • ITU-T G.813 Synchronous Equipment Clock (SEC) • Telcordia GR-253-CORE Stratum 3 Clock (S3) and SONET Minimum Clock (SMC) Synchronization System for IEEE 1588 82P33914 / 82P33914-1 Datasheet |
유사한 부품 번호 - SynchronizationSystem |
|
유사한 설명 - SynchronizationSystem |