전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0101-SS 데이터시트(PDF) 1 Page - RAF ELECTRONIC HARDWARE

부품명 0101-SS
상세설명  CAPTIVE PANEL SCREW STYLE 1
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAF [RAF ELECTRONIC HARDWARE]
홈페이지  http://www.rafhdwe.com/
Logo RAF - RAF ELECTRONIC HARDWARE

0101-SS 데이터시트(HTML) 1 Page - RAF ELECTRONIC HARDWARE

  0101-SS Datasheet HTML 1Page - RAF ELECTRONIC HARDWARE  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This Drawing is the Property of RAF.
It contains confidential, proprietary
information that is RAF property. Do
not disclose to or duplicate for others
except as authorized by RAF.
TOLERANCES
ALL DIMENSIONS ARE INCHES
(UNLESS OTHERWISE SPECIFIED)
METALLIC
LENGTHS </=: 6 INCHES ± 0.005
LENGTH >: 6 INCHES ±0.010
DIAMETERS: ±0.005
NON-METALLIC
LENGTH: ±0.010 DIAMETERS: ± 0.010
INTERNAL THREADS:
MINIMUM THREAD DEPTH
SCALE
SHEET
1 of 1
REV
DATE
DRN
CHK
CHANGE
SJ
T
Drawn
5/16 (HD)
[7.94]
1/16 (D)
[1.59]
3/16 [4.76] (HL)
0.078(SD)
[1.98]
9/32 (TL)
[7.14]
23/32 [18.26] (L)
82
5
0.036(W)
[0.91]
7/16 [11.11] (SL)
CAPTIVE PANEL SCREW STYLE 1
0101-SS
4.80
95 Silvermine Rd.,Seymour CT 06483
Tel: 203-888-2133, Fax: 203-888-9860
02/24/17
COMPONENT
PANEL SCREW
TOLERANCE DETAILS
1
D
+0.010 [+0.25]
-0.000 [-0.00]
5
HL
0.010 [ 0.25]
2
L
0.015 [ 0.38]
6
SD
0.005 [ 0.13]
3
W
+0.005 [+0.13]
-0.000 [-0.00]
7
SL
0.010 [ 0.25]
4
HD
+0.015 [+0.38]
-0.000 [-0.00]
8
TL
0.015 [ 0.38]
NOTES:
1. Material : Stainless Steel
2. Finish : No Plate
3. ASME Y14.5-M - 2009
4. All Drawing Dimensions are in Inches [mm]
5. Unless otherwise specified; Edge Breaks,
Radii or Countersinks 0.005-0.015
1/64 X 45 (x2)
[0.4]
STRAIGHT
KNURL TPI 35
4-40 THD.


유사한 부품 번호 - 0101-SS

제조업체부품명데이터시트상세설명
logo
IDEAL-TEK SA
0101 IDEAL-TEK-0101 Datasheet
1Mb / 5P
Scalpels and Blades
logo
Presto International UK...
01010 PRESTO-01010 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
STEGO Elektrotechnik Gm...
01010.0-00 STEGO-01010.0-00 Datasheet
1Mb / 1P
SWITCH MODULE – DC LINE
15.09.2023
01010.0-10 STEGO-01010.0-10 Datasheet
1Mb / 1P
SWITCH MODULE – DC LINE
15.09.2023
01010.0-20 STEGO-01010.0-20 Datasheet
1Mb / 1P
SWITCH MODULE – DC LINE
15.09.2023
More results

유사한 설명 - 0101-SS

제조업체부품명데이터시트상세설명
logo
RAF ELECTRONIC HARDWARE
0104-SS RAF-0104-SS Datasheet
90Kb / 1P
CAPTIVE PANEL SCREW STYLE 1
0106-SS RAF-0106-SS Datasheet
85Kb / 1P
CAPTIVE PANEL SCREW STYLE 1
0109-SS RAF-0109-SS Datasheet
86Kb / 1P
CAPTIVE PANEL SCREW STYLE 1
0110-SS RAF-0110-SS Datasheet
80Kb / 1P
CAPTIVE PANEL SCREW STYLE 1
0127-SS RAF-0127-SS Datasheet
89Kb / 1P
CAPTIVE PANEL SCREW STYLE 1
0163-SS RAF-0163-SS Datasheet
89Kb / 1P
CAPTIVE PANEL SCREW STYLE 1
0382-SS RAF-0382-SS Datasheet
85Kb / 1P
CAPTIVE PANEL SCREW STYLE 2
0402-SS RAF-0402-SS Datasheet
94Kb / 1P
CAPTIVE PANEL SCREW STYLE 2
0817-SS RAF-0817-SS Datasheet
79Kb / 1P
CAPTIVE PANEL SCREW STYLE 4
M0171-SS RAF-M0171-SS Datasheet
81Kb / 1P
CAPTIVE PANEL SCREW STYLE 2
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com