| 전자부품 데이터시트 검색엔진 |
|
LR9203DG-19-AF5-R 데이터시트(PDF) 8 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LR9203DG-19-AF5-R 데이터시트(HTML) 8 Page - Unisonic Technologies |
|
8 / 9 page ![]() LR9203 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 8 of 9 www.unisonic.com.tw QW-R102-082.b TEST CIRCUIT V A V A V CIN=0.1μF (ceramic) IOUT VOUT CE VIN VSS Circuit 1 V VOUT CE VIN VSS Circuit 2 A VOUT CE VIN VSS Circuit 3 A V IOUT Note For the UTC LR9203P series, CE pin is connected to the VIN internally. V |