전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PI6CVF857AE 데이터시트(PDF) 13 Page - Pericom Semiconductor Corporation

부품명 PI6CVF857AE
상세설명  1:10 PLL Clock Driver for 2.5V DDR-SDRAM Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERICOM [Pericom Semiconductor Corporation]
홈페이지  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CVF857AE 데이터시트(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI6CVF857AE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CVF857AE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CVF857AE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CVF857AE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CVF857AE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6CVF857AE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6CVF857AE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6CVF857AE Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6CVF857AE Datasheet HTML 14Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
PS8683B
10/17/03
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6CVF857
1:10 PLL Clock Driver for
2.5V DDR-SDRAM Memory
Packaging Mechanical: 48-Pin TSSOP (A)
Packaging Mechanical: 40-Contact TQFN (ZD)
Pin #1
Corner
Pin #1
Corner
6.00 BSC
1.00 MAX.
0 - 0.05
0.20 REF.
2.90 NOM.
0.50 BSC
.236
.244
.488
.496
.002
.006
SEATING PLANE
.007
.010
.0197
BSC
.004
.008
.319
1
48
12.4
12.6
6.0
6.2
0.50
0.17
0.27
8.1
0.05
0.15
0.09
0.20
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
.018
.030
0.45
0.75
.047
1.20 Max
BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com