전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PI6CVF857NF 데이터시트(PDF) 6 Page - Pericom Semiconductor Corporation

부품명 PI6CVF857NF
상세설명  1:10 PLL Clock Driver for 2.5V DDR-SDRAM Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERICOM [Pericom Semiconductor Corporation]
홈페이지  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CVF857NF 데이터시트(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6CVF857NF Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
PS8683B
10/17/03
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6CVF857
1:10 PLL Clock Driver for
2.5V DDR-SDRAM Memory
Electrical Characteristics for PC3200 (Over recommended operating free-air temperature)
Notes:
1. The PLL is able to handle spread spectrum induced skew.
2. Operating clock frequency indicates a range over which the PLL is able to lock, but in which the clock is not required to meet the other timing
parameters. (Used for low-speed debug).
3. Application clock frequency indicates a range over which the PLL meets all of the timing parameters.
Timing Requirements for PC3200(Overrecommendedoperatingfree-airtemperature)
l
o
b
m
y
Sn
o
i
t
p
i
r
c
s
e
D
V
A
D
D
V
,
Q
D
D
V
1
.
0
±
V
6
.
2
=
s
t
i
n
U
.
n
i
M.
x
a
M
f K
C
y
c
n
e
u
q
e
r
f
k
c
o
l
c
g
n
it
a
r
e
p
O
)
2
,
1
(
0
60
2
2
z
H
M
y
c
n
e
u
q
e
r
f
k
c
o
l
c
n
o
it
a
c
il
p
p
A
)
3
(
5
90
2
2
t C
D
e
l
c
y
c
y
t
u
d
k
c
o
l
c
t
u
p
n
I0
40
6%
t
B
A
T
S
p
u
r
e
w
o
p
r
e
tf
a
e
m
it
n
o
it
a
z
il
i
b
a
t
s
L
L
P
0
0
1s
µ
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
TA
D
D
V
V
,
Q
D
D
.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V K
I
s
t
u
p
n
i
ll
AII
A
m
8
1
–
=V
5
.
22
.
1
–
V
V H
O
e
g
a
tl
o
v
t
u
p
t
u
o
h
g
i
H
I H
O
A
µ
0
0
1
–
=V
7
.
2
o
t
5
.
2V Q
D
D
–1
.
0
I H
O
A
m
2
1
–
=V
5
.
27
.
1
V L
O
e
g
a
tl
o
v
t
u
p
t
u
o
w
o
L
I L
O
A
µ
0
0
1
=V
7
.
2
o
t
5
.
21
.
0
I L
O
A
m
2
1
=V
5
.
26
.
0
II
N
I
B
F
,
K
L
CVI V
=
Q
D
D
D
N
G
r
oV
7
.
2
0
1
±
A
µ
N
W
D
R
W
PVI V
=
Q
D
D
D
N
G
r
oV
7
.
2
I
D
P
D
D
I
t
n
e
r
r
u
c
y
l
p
p
u
s
c
it
a
t
S
Q
D
D
I
+
D
D
A
,
z
H
M
0
=
K
L
C
&
K
L
C
w
o
L
=
N
W
D
R
W
P
0
0
2
I Q
D
D
V
f
o
t
n
e
r
r
u
c
y
l
p
p
u
s
c
i
m
a
n
y
D
Q
D
D
z
H
M
0
0
2
=
K
L
C
&
K
L
C
n
e
p
o
e
r
a
s
t
u
p
t
u
o
ll
A
V
7
.
20
0
3A
m
I D
D
A
V
A
f
o
t
n
e
r
r
u
c
y
l
p
p
u
s
c
i
m
a
n
y
D
D
D
z
H
M
0
0
2
=
K
L
C
&
K
L
CV
7
.
22
1A
m
CI
K
L
C
d
n
a
K
L
C
VI V
=
Q
D
D
D
N
G
r
oV
6
.
20
.
25
.
3
F
p
N
I
B
F
d
n
a
N
I
B
F
C (I )
∆
K
L
C
d
n
a
K
L
C
)
5
(
VI V
=
Q
D
D
D
N
G
r
oV
6
.
2–
5
2
.
05
2
.
0
N
I
B
F
d
n
a
N
I
B
F
)
5
(
Note:
4. The maximum power-down clock frequency is below 20 MHz.
5. Guaranteed by design, but not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com