전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STW81100ATR 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 STW81100ATR
상세설명  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100ATR 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button STW81100ATR Datasheet HTML 7Page - STMicroelectronics STW81100ATR Datasheet HTML 8Page - STMicroelectronics STW81100ATR Datasheet HTML 9Page - STMicroelectronics STW81100ATR Datasheet HTML 10Page - STMicroelectronics STW81100ATR Datasheet HTML 11Page - STMicroelectronics STW81100ATR Datasheet HTML 12Page - STMicroelectronics STW81100ATR Datasheet HTML 13Page - STMicroelectronics STW81100ATR Datasheet HTML 14Page - STMicroelectronics STW81100ATR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/23
STW81100
where:
– FVCO: output frequency of VCO.
– P: modulus of dual modulus prescaler.
– B: division ratio of the main counter.
– A: division ratio of the swallow counter.
– Fref: input reference frequency.
– R: division ratio of reference counter.
– N: division ratio of PLL
For a correct work of the VCO divider, B must be strictly higher than A. A can take any value ranging from
0 to 63. The range of the N number can vary from 4096 to 32767.
Figure 13. VCO Divider Diagram
7.5 Phase frequency detector (PFD)
The PFD takes inputs from the reference and the VCO dividers and produces an output proportional to
the phase error. The PFD includes a delay gate that controls the width of the anti-backlash pulse. This
pulse ensures that there is no dead zone in the PFD transfer function.
Figure 6 is a simplified schematic of the PFD.
Figure 14. PDF Diagram
Prescaler
64/65
6 bit
A counter
9bit
B counter
To PFD
modulus
VCOBUF+
VCOBUF-
Prescaler
64/65
6 bit
A counter
9bit
B counter
To PFD
modulus
VCOBUF+
VCOBUF-
D FF
R
Fref
VDD
R
D FF
Fref
VDD
Delay
Up
Down
ABL
D FF
R
Fref
VDD
R
D FF
Fref
VDD
Delay
Up
Down
ABL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23