| 전자부품 데이터시트 검색엔진 |
|
UR5516L-TN5-R 데이터시트(PDF) 5 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UR5516L-TN5-R 데이터시트(HTML) 5 Page - Unisonic Technologies |
|
5 / 9 page ![]() UR5516 LINEAR INTEGRATED CIRCUIT UNISONIC TECHNOLOGIES CO., LTD 5 of 9 www.unisonic.com.tw QW-R101-015.E ELECT RI CAL CH ARACT ERI ST I CS(TJ=25°C,VCNTL=3.3V,VIN=2.5V/1.8V,VREF=0.5VIN,unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Output Voltage VOUT IOUT=0A VREF V System Accuracy Over temperature, VOUT offset, and load regulation -20 20 mV Offset Voltage (VOUT–VREF) VO(OFF) IOUT=+10mA -20 mV IOUT=-10mA 20 Load Regulation ∆VOUT IOUT=+10mA ~ +3A 2 % IOUT= -10mA ~ -3A 2 Current Limit ILIMIT Sourcing Current (VIN=2.5V) TJ=25°C +3 +3.6 A TJ=125°C +3.1 Sinking Current (VIN=2.5V) TJ=25°C -3 -3.6 TJ=125°C -3.1 Sourcing Current (VIN=1.8V) TJ=25°C +2.9 +3.2 TJ=125°C +2.6 Sinking Current (VIN=1.8V) TJ=25°C -2.9 -3.2 TJ=125°C -2.6 Thermal Shutdown Temperature TSHDN Rising TJ 183 C Thermal Shutdown Hysteresis THYS 42 C VCNTL Supply Current ICNTL IOUT=0A 1 2 3 mA IOUT=±3A (Normal Operation) 50 110 VREF=GND (Shutdown) 2.0 VREF Bias Current (The current flows out of VREF) IBIAS VREF=1.25V/0.9V (Normal Operation) 200 500 nA VREF=GND (Shutdown) 20 40 μA Shutdown Threshold Voltage VSHDN 0.2 0.35 0.65 V |