전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM60EW-Z 데이터시트(PDF) 2 Page - AIMTEC

부품명 AM60EW-Z
상세설명  DC-DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM60EW-Z 데이터시트(HTML) 2 Page - AIMTEC

  AM60EW-Z Datasheet HTML 1Page - AIMTEC AM60EW-Z Datasheet HTML 2Page - AIMTEC AM60EW-Z Datasheet HTML 3Page - AIMTEC AM60EW-Z Datasheet HTML 4Page - AIMTEC AM60EW-Z Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AM60EW-Z
60 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 051e R12.C
2 of 5
North America only
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Over voltage protection
Zener Diode Clamp
Over load protection
Hiccup
120%~140%
Short Circuit protection
Indefinite
Short circuit restart
Thermal shutdown
On Case
120
ºC
Line voltage regulation
±0.5
% of Vin
Load voltage regulation
0% to 100% Full Load, Single
Dual Output
±0.5
±1
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise
20MHz Bandwidth
100
mV p-p
Transient Response Deviation
±3
% of Max
Transient Recovery
250
µsec
Voltage adjustment range
±10
%
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
225
KHz
Operating temperature
With derating (see graph below)
-40 to +75
oC
Storage temperature
-55 to +125
oC
Maximum case temperature
110
oC
Cooling
Free Air Convection
Humidity
95
% RH
Case material
Non-conductive Black Plastic (UL94V-0 rated)
Weight
45
g
Dimensions (L x W x H)
2.00 x 1.00 x 0.45 inches
50.8 x 25.4 x 11.43 mm
MTBF
>210 000 hrs (MIL-HDBK-217 F at +25 oC)
Maximum soldering temperature
1.5mm from case for 10 sec
260
oC
Safety Specifications
Parameters
Agency approvals
CE, UL (pending)
Standards
EMI - Conducted and radiated emission
EN55022, class A (with the recommended EMI circuit), EN55024: 2010
Electrostatic Discharge Immunity
IEC 61000-4-2, Criteria A
RF, Electromagnetic Field Immunity
IEC 61000-4-3, Criteria A
Electrical Fast Transient/Burst Immunity
IEC 61000-4-4, Criteria A, (with the recommended EMC circuit)
Surge Immunity
IEC 61000-4-5, Criteria A, (with the recommended EMC circuit)
RF, Conducted Disturbance Immunity
IEC 61000-4-6, Criteria A
Power frequency Magnetic Field
Immunity
IEC 61000-4-8, Criteria A
Pin Out Specifications
Pin
Single
Dual
1
+V Input
+V Input
2
-V Input
-V Input
3
On/Off Control
On/Off Control
4
+V Output
+V Output
5
-V Output
Common
6
Trim
-V Output



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com