전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF9530PBF 데이터시트(PDF) 1 Page - Inchange Semiconductor Company Limited

부품명 IRF9530PBF
상세설명  isc P-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRF9530PBF 데이터시트(HTML) 1 Page - Inchange Semiconductor Company Limited

  IRF9530PBF Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRF9530PBF Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc P-Channel MOSFET Transistor
IRF9530PBF
·
FEATURES
·
Static drain-source on-resistance:
RDS(on)≤0.3Ω
·
Enhancement mode:
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
·
DESCRIPTION
·
Power management in notebook computer
·
Portable equipment and battery powered systems
·
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
-100
V
VGS
Gate-Source Voltage
±
20
V
ID
Drain Current-Continuous
-12
A
IDM
Drain Current-Single Pulsed
-48
A
PD
Total Dissipation @TC=25℃
85
W
Tj
Max. Operating Junction Temperature
175
℃
Tstg
Storage Temperature
-55~175
℃
·
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth(j-c)
Channel-to-case thermal resistance
1.76
℃
/W
Rth(j-a)
Channel-to-ambient thermal resistance
62
℃
/W


유사한 부품 번호 - IRF9530PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF9530PBF IRF-IRF9530PBF Datasheet
3Mb / 7P
HEXFET POWER MOSFET
logo
Vishay Siliconix
IRF9530PBF VISHAY-IRF9530PBF Datasheet
566Kb / 8P
Power MOSFET
16-Jun-08
logo
VBsemi Electronics Co.,...
IRF9530PBF VBSEMI-IRF9530PBF Datasheet
1,002Kb / 7P
P-Channel 100 V (D-S) MOSFET
logo
Vishay Siliconix
IRF9530PBF VISHAY-IRF9530PBF Datasheet
158Kb / 8P
Power MOSFET
16-Aug-2021
IRF9530PBF-BE3 VISHAY-IRF9530PBF-BE3 Datasheet
158Kb / 8P
Power MOSFET
16-Aug-2021
More results

유사한 설명 - IRF9530PBF

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
ISCC1833 ISC-ISCC1833 Datasheet
389Kb / 2P
isc P-Channel MOSFET Transistor
FX20KMJ-2 ISC-FX20KMJ-2 Datasheet
315Kb / 2P
Isc P-Channel MOSFET Transistor
ISCPL45D ISC-ISCPL45D Datasheet
316Kb / 2P
isc P-Channel MOSFET Transistor
SUD50P06-15 ISC-SUD50P06-15 Datasheet
267Kb / 2P
Isc P-Channel MOSFET Transistor
AOD403 ISC-AOD403 Datasheet
377Kb / 2P
Isc P-Channel MOSFET Transistor
DMP3028LK3 ISC-DMP3028LK3 Datasheet
309Kb / 2P
isc P-Channel MOSFET Transistor
DMP4015SK3 ISC-DMP4015SK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
DMP4051LK3 ISC-DMP4051LK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
ISCNL266D ISC-ISCNL266D Datasheet
271Kb / 2P
isc P-Channel MOSFET Transistor
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com