| 전자부품 데이터시트 검색엔진 |
|
FUSB302T 데이터시트(PDF) 34 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
FUSB302T 데이터시트(HTML) 34 Page - ON Semiconductor |
|
34 / 36 page ![]() 33 Reference Schematic FUSB302T Figure 15. FUSB302T Reference Schematic Diagram Table 31. Recommended Component Values for Reference Schematic Symbol Parameter Recommended Value Unit Min. Typ. Max. CRECV CCX Receiver Capacitance 200 600 pF CBULK VCONN Source Bulk Capacitance 10 220 µF CVCONN VCONN Decoupling Capacitance 0.1 µF CVDD1 VDD Decoupling Capacitance 0.1 µF CVDD2 VDD Decoupling Capacitance 1.0 µF RPU I2C Pull-up Resistors 4.7 kΩ RPU_INT INT_N Pull-up Resistor 1.0 4.7 kΩ VPU I2C Pull-up Voltage 1.62 1.80 1.98 V |