| 전자부품 데이터시트 검색엔진 |
|
FUSB303TMX 데이터시트(PDF) 13 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
FUSB303TMX 데이터시트(HTML) 13 Page - ON Semiconductor |
|
13 / 19 page ![]() FUSB303 www.onsemi.com 13 REGISTER DEFINITIONS Table 12. REGISTER MAP Address Register Name Type Rst Val Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 00h Reserved N/A N/A Do Not Use 01h Device ID R 10h VER_ID[3:0] REV_ID[3:0] 02h Device Type R 01h DEVICE_TYPE[7:0] 03h Portrole R/W 4nh (see below) ORIENTD EB TRY[1:0] AUDIOAC C DRP SNK SRC 04h Control R/W 4Bh T_DRP DRPTOGGLE[1:0] DCABLE_ EN HOST_CUR[1:0] INT_MAS K 05h Control1 R/W B3h REMEDY _EN AUTO_SNK_TH[1:0] AUTO_SN K_EN ENABLE TCCDEB[2:0] 06h-08h Reserved N/A N/A Do Not Use 09h Manual W/C & R/W 00h FORCE_S RC FORCE_S NK UNATT_S NK UNATT_S RC DISABLE D ERROR_ REC 0Ah Reset W/C 00h SW_RES 0Bh-0Dh Reserved N/A N/A Do Not Use 0Eh Mask R/W 00h M_ORIEN T M_FAULT M_VBUS_ CHG M_AUTO SNK M_BC_LV L M_DETAC H M_ATTAC H 0Fh Mask1 R/W 00h M_REM_ VBOFF M_REM_ VBON M_REM_F AIL M_FRC_F AIL M_FRC_S UCC M_REME DY 10h Reserved N/A N/A Do Not Use 11h Status R 40h AUTOSN K VSAFE0V ORIENT[1:0] VBUSOK BC_LVL[1:0] ATTACH 12h Status1 R 00h FAULT REMEDY 13h Type R 00h DEBUGS RC DEBUGS NK SINK SOURCE ACTIVEC ABLE AUDIOVB US AUDIO 14h Interrupt R/W1 C 00h I_ORIENT I_FAULT I_VBUS_ CHG I_AUTOS NK I_BC_LVL I_DETAC H I_ATTACH 15h Interrupt1 R/W1 C 00h I_REM_V BOFF I_REM_V BON I_REM_F AIL I_FRC_FA IL I_FRC_S UCC I_REMED Y 16h-1Fh Reserved N/A N/A Do Not Use 7. Do not use registers that are blank 8. Values read from undefined register bits are not defined and invalid. Do not write to undefined registers Table 13. DEVICE ID (Address: 01h, Reset Value: 0001_0000b, Type: Read Only) Bit # Name Size (Bits) Description 7:4 VER_ID 4 Device version ID by Trim, etc. A_[REV_ID]: 0001 (FUSB303 A) 3:0 REV_ID 4 Revision History of each version [VER_ID]_revA: 0000 |