전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9545BCPZ 데이터시트(PDF) 58 Page - Analog Devices

부품명 AD9545BCPZ
상세설명  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9545BCPZ 데이터시트(HTML) 58 Page - Analog Devices

Back Button AD9545BCPZ Datasheet HTML 54Page - Analog Devices AD9545BCPZ Datasheet HTML 55Page - Analog Devices AD9545BCPZ Datasheet HTML 56Page - Analog Devices AD9545BCPZ Datasheet HTML 57Page - Analog Devices AD9545BCPZ Datasheet HTML 58Page - Analog Devices AD9545BCPZ Datasheet HTML 59Page - Analog Devices AD9545BCPZ Datasheet HTML 60Page - Analog Devices AD9545BCPZ Datasheet HTML 61Page - Analog Devices AD9545BCPZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 58 of 157
For example, determine the value of the Qxy phase bit field
necessary to yield a 14% pulse width given E = 7301. Solving
Equation 1 for Qxy phase yields the following:
Qxy Phase = Pulse Width × E/100
= 14 × 7301/100
= 1022 (nearest integer)
= 0x0000003FE (hexadecimal)
The user has the option to adjust the output pulse width only
prior to execution of the first subsequent phase offset. After
invoking a subsequent phase offset, pulse width control is no
longer available. To change the output pulse width after
executing the first subsequent phase offset, the user must issue a
Q divider sync (see the Distribution Output Clock Synchronization
section), at which point the Q divider is ready to accept a new
initial phase offset, a new output pulse width ,and subsequent
phase offsets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More