전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MM1Z2V0 데이터시트(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

부품명 MM1Z2V0
상세설명  Silicon Planar Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
홈페이지  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MM1Z2V0 데이터시트(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MM1Z2V0 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MM1Z2V0 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristics at Ta = 25
°C
(1) VZT is tested with pulses (20 ms)
Type
Marking
Zener Voltage Range
(1)
VZT
(at I )
ZT
IZT
Dynamic
Impedance
Reverse Current
Z
ZT
(at I )
ZT
IR
at VR
Max
(Ω)
Max
(μA)
(V)
Nom
(V)
Min
(V)
Max
(V)
(mA)
3.3
3.6
3.9
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
4.3
24
2.4
2.7
3.0
MM1Z2V0
MM1Z2V2
MM1Z2V4
MM1Z2V7
MM1Z3V0
MM1Z3V3
MM1Z3V6
MM1Z3V9
MM1Z4V3
MM1Z4V7
MM1Z5V1
MM1Z5V6
MM1Z6V2
MM1Z6V8
MM1Z7V5
MM1Z8V2
MM1Z9V1
MM1Z10
MM1Z11
MM1Z12
MM1Z13
MM1Z15
MM1Z16
MM1Z18
MM1Z20
MM1Z22
MM1Z24
MM1Z27
MM1Z30
MM1Z33
MM1Z36
MM1Z39
MM1Z43
MM1Z47
MM1Z51
MM1Z56
MM1Z62
MM1Z68
MM1Z75
1.8
2.08
2.28
2.5
2.8
3.1
3.4
3.7
4
4.4
4.8
5.2
5.8
6.4
7
7.7
8.5
9.4
10.4
11.4
12.4
13.8
15.3
16.8
18.8
20.8
22.8
25.1
28
31
34
37
40
44
48
52
58
64
70
2.15
2.33
2.56
2.9
3.2
3.5
3.8
4.1
4.6
5
5.4
6
6.6
7.2
7.9
8.7
9.6
10.6
11.6
12.7
14.1
15.6
17.1
19.1
21.2
23.3
25.6
28.9
32
35
38
41
46
50
54
60
66
72
79
30
27
43
47
51
62
68
75
56
33
36
39
4A
4B
4C
4D
4E
4F
4H
4J
4K
4M
4N
4P
4R
4X
4Y
4Z
5A
5B
5C
5D
5E
5F
5H
5J
5K
5M
5N
5P
5R
5X
5Y
5Z
6A
6B
6C
6D
6E
6F
6H
2.0
2.2
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
100
100
100
110
120
130
130
130
130
130
130
80
50
30
30
30
30
30
30
35
35
40
40
45
50
55
60
70
80
80
90
100
130
150
180
180
200
250
300
120
120
120
120
50
20
10
5
5
2
2
1
1
0.5
0.5
0.5
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
2
2
2
1
1
0.2
0.2
0.2
0.5
0.7
1
1
1
1
1
1
1
1
1.5
2.5
3
3.5
4
5
6
7
8
9
10
11
12
13
15
17
19
21
23
25
27
30
33
36
39
43
47
52
57
MM1Z2V0 THRU MM1Z75
Silicon Planar Zener Diodes
http://www.trr-jx.com
version: 02



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com