| 전자부품 데이터시트 검색엔진 |
|
E32-R16 데이터시트(PDF) 69 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E32-R16 데이터시트(HTML) 69 Page - Omron Electronics LLC |
|
69 / 108 page ![]() E32 E32 70 J PARALLEL OPERATING RANGE (TYPICAL) At max. sensitivity. (Use for optical axis adjustment at installation.) E32-TC200 with E3X-DAN amplifier (Through-beam) E32-T11R with E3X-DAN amplifier (Through-beam) E32-T11 with E3X-DAN amplifier (Through-beam) Standard Long distance Highspeed Standard Long distance High speed Standard Long distance Distance X (m) Distance X (m) Distance X (m) High speed J OPERATING RANGE (TYPICAL) With standard sensing object at max. sensitivity. (Use for the positioning of the object and Sensor.) E32-DC200 with E3X-DAN amplifier (Reflective) E32-D33 with E3X-DAN amplifier (Reflective) E32-L25L with E3X-DAN amplifier (Convergent Reflective) High speed Long distance Standard High speed Standard Long distance Distance X (mm) Distance X (mm) Distance X (mm) E32-TC200 with E3X-DAN amplifier (Through-beam) E32-TC200+E39-F1 with E3X-DAN amplifier (Through-beam) Standard Long distance High speed Standard Long distance Distance X (m) High speed Distance X (m) J PARALLEL OPERATING RANGE (TYPICAL) MARK DETECTION SENSOR E3X-DAB11-N At max. sensitivity. (Use for optical axis adjustment at installation.) |