전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

E32-R21 데이터시트(PDF) 52 Page - Omron Electronics LLC

부품명 E32-R21
상세설명  An Extensive Selection of Fiber-Optic Cables
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R21 데이터시트(HTML) 52 Page - Omron Electronics LLC

Back Button E32-R21 Datasheet HTML 48Page - Omron Electronics LLC E32-R21 Datasheet HTML 49Page - Omron Electronics LLC E32-R21 Datasheet HTML 50Page - Omron Electronics LLC E32-R21 Datasheet HTML 51Page - Omron Electronics LLC E32-R21 Datasheet HTML 52Page - Omron Electronics LLC E32-R21 Datasheet HTML 53Page - Omron Electronics LLC E32-R21 Datasheet HTML 54Page - Omron Electronics LLC E32-R21 Datasheet HTML 55Page - Omron Electronics LLC E32-R21 Datasheet HTML 56Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 108 page
background image
E32
E32
53
Engineering Data
J
EXCESS GAIN RATIO
With standard sensing object. With standard target at maximum sensitivity.
Standard
E32-TC200 with E3X-DAN
amplifier (Through-beam)
E32-DC200 with E3X-DAN
amplifier (Reflective)
E32-D21L with E3X-DAN
amplifier (Reflective)
Long distance
High speed
Distance (m)
Long distance
Standard
High speed
Distance (mm)
Long distance
Standard
High speed
Distance (mm)
Oper-
ating
level
Oper-
ating
level
Oper-
ating
level
Through-beam Type, General Purpose
E32-T11 with E3X-A11 amplifier
Sensing distance (mm)
100
50
30
10
5
1
0
50
100 150 200 250 300
Operating level
350 400
100
10
1
0.1
100
200
300
0
E32-T11 with E3JU-XR amplifier
Sensing distance (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More