전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS82BF 데이터시트(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

부품명 SS82BF
상세설명  Surface Mount Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
홈페이지  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SS82BF 데이터시트(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SS82BF Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SS82BF Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SS82BF Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Reverse Voltage - 20 to 200V
Forward Current - 8.0A
FEATURES
• Metal silicon junction, majority carrier conduction
• For surface mounted applications
• Low power loss, high efficiency
• High forward surge current capability
• For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Absolute Maximum Ratings and Electrical characteristics
Ratings at
ambient temperature unless otherwise specified.Single phase, half wave, 60Hz resistive or inductiv
oad, for capacitive load, derate by 20 %
25
°C
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Top View
Marking Code: S82B — S820B
Simplified outline SMBF and symbol
MECHANICAL DATA
pprox. Weight: 57
• Case: SMBF
• Terminals: Solderable per MIL-STD-750, Method 2026
• A
mg / 0.002oz
Maximum DC Blocking Voltage
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Maximum Average Forward Rectified Current
Typical Junction Capacitance
20
40
V
14
28
V
V
8.0
-55 ~ +150
A
A
V
mA
pF
°C
Units
20
40
Peak Forward Surge Current,8.3ms
Single Half Sine-wave Superimposed
on Rated Load (JEDEC method)
Max Instantaneous Forward Voltage at 8 A
Maximum DC Reverse Current
at Rated DC Reverse Voltage
Operating Junction Temperature Range
SS82BF
SS84BF
SS86BF
SS88BF
SS810BF SS812BF SS815BF SS820BF
T = 25
°C
a
T =100
°C
a
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Cj
Tj
Symbols
Tstg
Storage Temperature Range
60
42
60
80
56
80
100
100
0.55
0.70
0.85
500
-55 ~ +150
°C
120
120
150
105
150
200
140
200
1.0
50
300
45
Typical Thermal Resistance
RθJA
°C/W
150
70
84
(1)
(2)
Measured at 1 MHz and applied reverse voltage of 4 V D.C
(2)
(1)
P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
0.45
SS82BF THRU SS820BF
Surface Mount Schottky Barrier Rectifier
e
l
1
2
http://www.trr-jx.com
version: 02


유사한 부품 번호 - SS82BF

제조업체부품명데이터시트상세설명
logo
Jiangsu High diode Semi...
SS82B HDSEMI-SS82B Datasheet
1Mb / 4P
SMB Plastic-Encapsulate Diodes
logo
Shanghai Shunye Electro...
SS82B SHUNYE-SS82B Datasheet
606Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
V2.22
More results

유사한 설명 - SS82BF

제조업체부품명데이터시트상세설명
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com