전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICS601-01 데이터시트(PDF) 7 Page - Integrated Device Technology

부품명 ICS601-01
상세설명  LOW PHASE NOISE CLOCK MULTIPLIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS601-01 데이터시트(HTML) 7 Page - Integrated Device Technology

  ICS601-01 Datasheet HTML 1Page - Integrated Device Technology ICS601-01 Datasheet HTML 2Page - Integrated Device Technology ICS601-01 Datasheet HTML 3Page - Integrated Device Technology ICS601-01 Datasheet HTML 4Page - Integrated Device Technology ICS601-01 Datasheet HTML 5Page - Integrated Device Technology ICS601-01 Datasheet HTML 6Page - Integrated Device Technology ICS601-01 Datasheet HTML 7Page - Integrated Device Technology ICS601-01 Datasheet HTML 8Page - Integrated Device Technology ICS601-01 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ICS601-01
LOW PHASE NOISE CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ / ICS™ LOW PHASE NOISE CLOCK MULTIPLIER
7
ICS601-01
REV N 051310
Package Outline and Package Dimensions (16-pin TSSOP, 4.40 mm Body, 0.65 mm Pitch)
Package dimensions are kept current with JEDEC Publication No. 95
INDEX
AREA
1 2
16
D
E1
E
SEATING
PLANE
A
1
A
A
2
e
- C -
b
.10 (.004)
C
c
L
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
--
1.20
--
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.032
0.041
b
0.19
0.30
0.007
0.012
C
0.09
0.20
0.0035
0.008
D
4.90
5.1
0.193
0.201
E
6.40 BASIC
0.252 BASIC
E1
4.30
4.50
0.169
0.177
e
0.65 Basic
0.0256 Basic
L
0.45
0.75
0.018
0.030
α
0
°
8
°
0
°
8
°



Html Pages

1 2 3 4 5 6 7 8 9