전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LX1G03STR 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 74LX1G03STR
상세설명  SINGLE 2-INPUT OPEN DRAIN NAND GATE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G03STR 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button 74LX1G03STR Datasheet HTML 2Page - STMicroelectronics 74LX1G03STR Datasheet HTML 3Page - STMicroelectronics 74LX1G03STR Datasheet HTML 4Page - STMicroelectronics 74LX1G03STR Datasheet HTML 5Page - STMicroelectronics 74LX1G03STR Datasheet HTML 6Page - STMicroelectronics 74LX1G03STR Datasheet HTML 7Page - STMicroelectronics 74LX1G03STR Datasheet HTML 8Page - STMicroelectronics 74LX1G03STR Datasheet HTML 9Page - STMicroelectronics 74LX1G03STR Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
74LX1G03
9/10
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
175
180
185
6.889
7.086
7.283
C
12.8
13
13.2
0.504
0.512
0.519
D
20.2
0.795
N
59.5
60
60.5
2.362
T
14.4
0.567
Ao
2.25
0.088
Bo
2.7
0.106
Ko
1.2
0.047
Po
3.9
4
4.1
0.153
0.157
0.161
P
3.8
4
4.2
0.149
0.157
0.165
Tape & Reel SOT323-xL MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10